Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments TMS470MF06607 Datasheet HTML 47Page - Texas Instruments TMS470MF06607 Datasheet HTML 48Page - Texas Instruments TMS470MF06607 Datasheet HTML 49Page - Texas Instruments TMS470MF06607 Datasheet HTML 50Page - Texas Instruments TMS470MF06607 Datasheet HTML 51Page - Texas Instruments TMS470MF06607 Datasheet HTML 52Page - Texas Instruments TMS470MF06607 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 5-17. SPIn Master Mode External Timing Parameters (CLOCK PHASE = 1, SPInCLK = output,
SPInSIMO = output, and SPInSOMI = input)(1)(2)(3)
(see Figure 5-15 and Figure 5-16)
NO.
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK(4)
90
256tc(VCLK)
Pulse duration, SPICLK high
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
tw(SPCH)M
(clock polarity = 0)
2(5)
tw(SPCL)M
Pulse duration, SPICLK low (clock polarity = 1)
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
tw(SPCL)M
Pulse duration, SPICLK low (clock polarity = 0)
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
3(5)
Pulse duration, SPICLK high
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
tw(SPCH)M
(clock polarity = 1)
Delay time, SPISIMO data valid before
0.5tc(SPC)M - 15
td(SIMO-SPCH)M
SPICLK high (clock polarity = 0)
4(5)
Delay time, SPISIMO data valid before
0.5tc(SPC)M - 15
td(SIMO-SPCL)M
SPICLK low (clock polarity = 1)
Valid time, SPISIMO data valid after SPICLK
0.5tc(SPC)M - tr(SPC)
tv(SPCH-SIMO)M
high (clock polarity = 0)
5(5)
Valid time, SPISIMO data valid after SPICLK
0.5tc(SPC)M - tf(SPC)
tv(SPCL-SIMO)M
low (clock polarity = 1)
Setup time, SPISOMI before SPICLK high
4
tsu(SOMI-SPCH)M
(clock polarity = 0)
ns
6(5)
Setup time, SPISOMI before SPICLK low
4
tsu(SOMI-SPCL)M
(clock polarity = 1)
Hold time, SPISOMI data valid after SPICLK
8
th(SPCH-SOMI)M
high (clock polarity = 0)
7(5)
Hold time, SPISOMI data valid after SPICLK
8
th(SPCL-SOMI)M
low (clock polarity = 1)
(C2TDELAY+CSHOLD+
(C2TDELAY+CSHOLD+
Setup time CS active until SPICLK high
2)*tc(VCLK)+0.5*tc(SPC)M -
2)*tc(VCLK)+0.5*tc(SPC)M -
(clock polarity = 0)
tf(SPICS) + tr(SPICLK)-6
tf(SPICS) + tr(SPICLK)+38
8(5)(6)
tC2TDELAY
(C2TDELAY+CSHOLD+
(C2TDELAY+CSHOLD+
Setup time CS active until SPICLK low
2)*tc(VCLK)+0.5*tc(SPC)M -
2)*tc(VCLK)+0.5*tc(SPC)M -
(clock polarity = 1)
tf(SPICS) + tf(SPICLK)-6
tf(SPICS) + tf(SPICLK)+38
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
Hold time SPICLK low until CS inactive
tc(VCLK) - tf(SPICLK) +
tc(VCLK) - tf(SPICLK) +
(clock polarity = 0)
tr(SPICS)-28
tr(SPICS)+8
9(5)(6)
tT2CDELAY
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
Hold time SPICLK high until CS inactive
tc(VCLK) - tr(SPICLK) +
tc(VCLK) - tr(SPICLK) +
(clock polarity = 1)
tr(SPICS)-28
tr(SPICS)+8
10(7)
C2TDELAY * tc(VCLK) -
C2TDELAY * tc(VCLK)
tSPIENA
SPIENAn Sample Point
ns
tf(SPICS)
(1)
he MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is clear.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK).
(3)
For rise and fall timings, see Table 5-13.
(4)
When the SPI is in Master mode, the following must be true:
•
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 90 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register
bits.
•
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 90 ns.
(5)
The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register.
(7)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
49
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com