Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments TMS470MF06607 Datasheet HTML 16Page - Texas Instruments TMS470MF06607 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 2-8. Terminal Functions (continued)
TERMINAL
INPUT
OUTPUT
VOLTAGE(1)
IPU/IPD(4)
DESCRIPTION
100
CURRENT(3)
NAME
(2)
PIN
GENERAL-PURPOSE I/O (GIO)
GIOA[4]/INT[4]
5
General-purpose input/output pins.
Adaptive
GIOA[5]/INT[5]
6
100 pin - GIOA[7:4]/INT[7:4] are interrupt-capable
Programmable
3.3-V I/O
impedance 4
pins.
IPD (100
µA)
GIOA[6]/INT[6]
15
mA
GIOA[7]/INT[7]
16
MULTI-BUFFERED SERIAL PERIPHERAL INTERFACE 1 (MIBSPI1)
MIBSPI1CLK
34
MIBSPI1 clock. MIBSPI1CLK can be programmed as
a GIO pin.
MIBSPI1SCS[0]
33
MIBSPI1sCS[1]
32
MIBSPI1SCS[2]
31
MIBSPI1SCS[3]
30
MIBSPI1 slave chip select. MIBSPI1SCS[7:0] can be
Adaptive
programmed as a GIO pins.
MIBSPI1SCS[4]
29
Programmable
3.3-V I/O
impedance 4
IPU (100
µA)
MIBSPI1SCS[5]
28
mA
MIBSPI1SCS[6]
27
MIBSPI1SCS[7]
26
MIBSPI1SIMO
35
MIBSPI1 data stream. Slave in/master out.
MIBSPI1SIMO can be programmed as a GIO pin.
MIBSPI1SOMI
36
MIBSPI1 data stream. Slave out/master in.
MIBSPI1SOMI can be programmed as a GIO pin.
MULTI-BUFFERED SERIAL PERIPHERAL INTERFACE 2 (MIBSPIP2)
MIBSPIP2CLK
17
MIBSPIP2 clock. MIBSPIP2CLK can be programmed
as a GIO pin.
MIBSPIP2SCS[0]
1
MIBSPIP2SCS[1]
2
MIBSPIP2 slave chip select MIBSPIP2SCS[3:0] can
be programmed as GIO pins.
MIBSPIP2SCS[2]
3
MIBSPIP2SCS[3]
4
Adaptive
Programmable
3.3-V I/O
impedance 4
MIBSPIP2ENA
90
MIBSPIP2 enable pin. MIBSPIP2ENA can be
IPU (100
µA)
mA
programmed as a GIO pin.
MIBSPIP2SIMO
18
MIBSPIP2 data stream. Slave in/master out.
MIBSPIP2SIMO pins can be programmed as a GIO
pins.
MIBSPIP2SOMI
19
MIBSPIP2 data stream. Slave out/master in.
MIBSPIP2SOMI pins can be programmed as GIO
pins.
LOCAL INTERCONNECT NETWORK 1/SERIAL COMMUNICATIONS INTERFACE 1 (LIN1/SCI1)
LIN1/SCI1RX
23
LIN/SCI1 data receive. Can be programmed as a GIO
Adaptive
pin.
Programmable
3.3-V I/O
impedance 4
IPU (100
µA)
LIN1/SCI1TX
22
LIN/SCI1 data transmit. Can be programmed as a
mA
GIO pin.
LOCAL INTERCONNECT NETWORK 2/SERIAL COMMUNICATIONS INTERFACE 2 (LIN2/SCI2)
LIN2/SCI2RX
25
LIN/SCI2 data receive. Can be programmed as a GIO
Adaptive
pin.
Programmable
3.3-V I/O
impedance 4
IPU (100
µA)
LIN2/SCI2TX
24
LIN/SCI2 data transmit. Can be programmed as a
mA
GIO pin.
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MIBADC)
ADEVT
68
3.3-V I/O
Adaptive
Programmable
MibADC event input. Can be programmed as a GIO
impedance 4
IPD (100
µA)
pin.
mA
Copyright
© 2012, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com