Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS470MF06607 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 37Page - Texas Instruments TMS470MF06607 Datasheet HTML 38Page - Texas Instruments TMS470MF06607 Datasheet HTML 39Page - Texas Instruments TMS470MF06607 Datasheet HTML 40Page - Texas Instruments TMS470MF06607 Datasheet HTML 41Page - Texas Instruments TMS470MF06607 Datasheet HTML 42Page - Texas Instruments TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
guaranteed fail
lower
threshold
guaranteed pass
upper
threshold
guaranteed fail
1.5
5.0
20.0
50.0
f (MHz)
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.2.3
LPO and Clock Detection
The LPOCLKDET module consists of a clock monitor (CLKDET) and 2 low-power oscillators (LPO): a
low-frequency (LF) and a high-frequency (HF) oscillator. The CLKDET is a supervisor circuit for an
externally supplied clock signal. In case the externally supplied clock frequency falls out of a frequency
window, the clock detector flags this condition and switches to the HF LPO clock (limp mode). The
OSCFAIL flag and clock switch-over remain, regardless of the behavior of the oscillator clock signal. The
only way OSCFAIL can be cleared (and OSCIN be again the driving clock) is a power-on reset.
Table 5-8. LPO and Clock Detection
PARAMETER
MIN
TYP
MAX
UNIT
Lower threshold
1.5
5.0
MHz
invalid frequency
Higher threshold
20.0
50.0
MHz
limp mode frequency
9.0
12
14.0
MHz
(HFosc)
LFosc frequency
79
90
110
kHz
HFosc frequency
9.0
12
14.0
MHz
Figure 5-6. LPO and Clock Detection
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
41
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com