Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
IP113M LF
Preliminary Data Sheet
35/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
The basic MII registers 4
MII
NAME
R/W
DESCRIPTION
DEFAULT
Auto-Negotiation Advertisement register (address 04h)
4.15
Next Page
RO
1 = Next Page ability is supported
0 = Next Page ability is not supported
IP113M LF does not support next page, this bit is
fixed to be 0.
0
4.14
Reserved
RW
Reserved by IEEE, write as 0, ignore on read
0
4.13
Remote Fault
R/W
1 = Advertises that this device has detected a
remote fault
0 = No remote fault detected
0
4[12:11]
Reserved
RO
Reserved for future IEEE use, write as 0, ignore on
read
0
4.10
Pause
RW
1 = Advertises that this device has implemented
pause function
0 = No pause function supported
Pin(1)
4.9
100BASE-T4
RW
1 = 100BASE-T4 is supported
0 = 100BASE-T4 is not supported
0
4.8
100BASE-TX full
duplex
R/W
1 = 100BASE-TX full duplex is supported
0 = 100BASE-TX full duplex is not supported
Pin(1)
4.7
100BASE-TX
R/W
1 = 100BASE-TX is supported
0 = 100BASE-TX is not supported
Pin(1)
4.6
10BASE-T full
duplex
R/W
1 = 10BASE-T full duplex is supported
0 = 10BASE-T full duplex is not supported
Pin(1)
4.5
10BASE-T
R/W
1 = 10BASE-T is supported
0 = 10BASE-T is not supported
Pin(1)
4[4:0]
Selector Field
RO
Use to identify the type of message being sent by
Auto-Negotiation.
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com