Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
IP113M LF
Preliminary Data Sheet
6.
Package Detail
F
SEATING
PLANE
1
12
13
24
25
36
37
48
HE
E
12"
12"
b
e
F y
1
12
13
24
25
36
37
48
2
2
L
L1
GAUGE PLANE
DETAIL "E"
"E"
θ
mm
inch
A
A1
1.600MAX.
A2
0.050~0.150
0.0630MAX.
b
1.400
0.05
0.0020~0.0059
c
0.200TYP
0.0551
0.0020
D
0.127TYP
0.0078TYP
E
e
Hd
0.500TYP
0.0050TYP
unit
Symbol
y
L1
L
He
0"~7"
0.100MAX.
1.000REF
0.600
0.150
0"~7"
0.0039MAX.
0.0393REF
0.0236
0.006
0.0196TYP
+
-
+
-
0.2756
0.0039
+
-
7.000
0.100
+
-
7.000
0.100
+
-
0.2756
0.0039
+
-
+
-
+
-
9.000
0.250
0.3543
0.0098
+
-
+
-
9.000
0.250
0.3543
0.0098
+
-
+
-
Notes:
1. DIMENSION D & E DO NOT INCLUDE MOLD FLASH OR PROTRUSION.
2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION / INTRUSION.
3. MAX. END FLASH IS 0.15MM.
4. MAX. DAMBAR PROTRUSION IS 0.13MM.
GENERAL APPEARANCE SPEC SHOULD BE BASED ON FINAL VISUAL INSPECTION SPEC.
IC Plus Corp.
Headquarters
Sales Office
10F, No.47, Lane 2, Kwang-Fu Road, Sec. 2,
4F, No. 106, Hsin-Tai-Wu Road, Sec.1,
Hsin-Chu City, Taiwan 300, R.O.C.
Hsi-Chih, Taipei Hsien, Taiwan 221, R.O.C.
TEL : 886-3-575-0275
FAX : 886-3-575-0475
TEL : 886-2-2696-1669
FAX : 886-2-2696-2220
Website : www.icplus.com.tw
April 9, 2007
58/58
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com