Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
IP113M LF
Preliminary Data Sheet
51/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 24
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Transmit register 1 (MII register 24D)
24.0
--
mg_rem_tx_code
R/W
Remote control frame send trigger
1: command IP113M LF to send a
maintenance frame
0: does not command IP113M LF to send a
maintenance frame
If user wants to send another maintenance
frame, he has to write “1” to this bit again.
0
24.1
--
mg_rem_tx_code
R/W
Transmitted maintenance direction
discriminator C1
It is C1 field of a maintenance frame.
0: upstream
1: downstream
0
24[3:2]
--
mg_rem_tx_code
R/W
Transmitted maintenance frame command
discriminator C3~C2
It is C[3:2] field of a maintenance frame.
01: request
11: acknowledge
10: Indication
00: reserved
00
Transmitted maintenance frame control
signals C15~C8
It is C[15:8] field of a maintenance frame.
Bit11(C15) ……..bit4(C8)
Function
0
0
0
0
0
0
01
Loop test start
0
0
0
0
0
0
00
Loop test finished
0
0
0
0
0
0
10
Status indication
Address [4:0]
R/W 11
R/W link partner’s
registers
24[11:4]
--
mg_rem_tx_code
R/W
Note:
R/W: 0: read, 1: write
A[4:0]: register address
8’b0
24[15:12]
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com