Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
IP113M LF
Preliminary Data Sheet
57/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
4.
Electrical Characteristics
4.1
Absolute Maximum Rating
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to Vcc+0.3V
Input Voltage
–0.3V to Vcc+0.3V
Output Voltage
–0.3V to Vcc+0.3V
Storage Temperature
-55
°C to 125°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
4.2.
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
2.375
2.5
2.645
V
Power Consumption
0.475
W
VCC=2.5v
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-100
+100
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA
Output High Voltage
VOH
VCC_I
O-0.4
V
IOL=4mA
5.
Order Information
Part No.
Package
Notice
IP113M
48-PIN LQFP
-
IP113M LF
48-PIN LQFP
Lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com