Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
IP113M LF
Preliminary Data Sheet
44/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 20
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Switch configuration register 1 (MII register 20D, EEPROM register 02~03D)
20.0
2.0
Reserved
0
20.1
2.1
direct_wire
R/W
Please see pin description of DIRECT_WIRE
for more detail information.
This bit overwrites the setting on pin 22
DIRECT_WIRE.
Pin (0)
20.2
2.2
fast_fwd
R/W
Please see pin description of FAST_FWD
for more detail information.
This bit overwrites the setting on pin 23
FAST_FWD.
Pin (0)
20.3
2.3
mg_pass_fragment
_
en
R/W
Pass fragment packet, which is longer than
7 bytes and shorter than 64bytes1: pass
fragment
0: not pass fragment
0
20.4
2.4
mg_col16_drop_en
R/W
Collision 16 times drop enable
A port drops a transmission packet if it
experiences 16 consecutive collisions.
1: enable
0: disable
0
20.5
2.5
mg_col_backoff_en
R/W
Collision back-off enable
1: back off after collision
0: not back off after collision
This bit should be “1” for normal operation.
1
20.6
2.6
Reserved
R/W
It must be 0.
0
20.7
2.7
p01_mg_backpress
_en
R/W
TP port backpressure enable
Backpressure is flow control for half duplex
operation
1: backpressure enable
0: backpressure disable
1
20.8
3.0
mg_rem_ctrl_en
R/W
Remote control enable
1: ability enable. IP113M LF is capable of
transmission and receiving maintenance
frame to perform remote control.
0: ability disable. IP113M LF is not capable
of transmission and receiving
maintenance frame to perform remote
control.
1
20.9
3.1
mg_auto_tx_mf_en
R/W
Auto send status frame to link partner
through fiber port (AUTO_SEND)
1: auto send indication maintenance frame
0: disable auto send function
This bit overwrites the setting on pin 25
AUTO_SEND. Please see pin description
of AUTO_SEND for more detail information.
Pin (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com