Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R01 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R01
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R01 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP113MLF-DS-R01 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
IP113M LF
Preliminary Data Sheet
53/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 26
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Receive register 1 (MII register 26D)
26.0
--
mg_rem_rx_code
RO
RC
Receive an acknowledge maintenance, that
is field C[2:3]=11, or undefined maintenance
frame.
1: IP113M LF receives a response
(acknowledge) maintenance frame or
undefined maintenance frame.
0: no response (acknowledge)
maintenance frame or undefined
maintenance frame received.
User can poll this bit to make sure if there is
an acknowledge maintenance frame or an
undefined maintenance frame is received. It
is a read and auto-clear bit.
Note: register 26~30 will be updated only
when this bit is 1.
0
26.1
--
mg_rem_rx_code
RO
Direction discriminator C1 of a received
maintenance frame.
0
26[3:2]
--
mg_rem_rx_code
RO
Command
discriminator
C3~C2
of
a
received maintenance frame.
00
26[11:4]
--
mg_rem_rx_code
RO
control signals C15~C8 of a received
maintenance frame.
8’b0
26[12]
--
mg_rem_rx_code
RO
RC
Received maintenance frame CRC error
1: received a maintenance frame with CRC
error.
0: received a maintenance frame with
correct CRC .
It is a read and auto-clear bit.
26[15:13]
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com