Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
2.9
CoS
IP178C/IP178CH supports two type of CoS. One is port base priority function and the other is frame
base priority function. IP178C/IP178CH supports two levels of priority queues. A high priority packet will
be queued to the high priority queue to share more bandwidth. The ratio of bandwidth of high priority and
low priority queue is defined in MII register 30.1[15] or EEPROM 3[7].
2.9.1
Port base priority
The packets received from high priority port will be handled as high priority frames if the port base priority
is enabled. It is enabled by programming the corresponding bit in MII register 31.0[9]~31.8[9] or
EEPROM register 65[1] ~81[1]. Each port of IP178C/IP178CH can be configured as a high priority port
individually.
2.9.2
Frame base priority
VLAN tag and TCP/IP TOS
IP178C/IP178CH examines the specific bits of VLAN tag and TCP/IP TOS for priority frames if the frame
base priority is enabled. The packets will be handled as high priority frames if the tag value meets the
high priority requirement, that is, VLAN tag bigger than 3 or TCP/IP TOS field not equal to 3’b000. It is
enabled by programming the corresponding bit in MII register 31.0[10]~31.8[10] or EEPROM register
65[2]~81[2]. The frame base priority function of each port can be enabled individually.
IP178C/IP178CH supports an easy way to enable a sub set of CoS function without programming
EEPROM or MII registers. Port 6 and port 7 can be set as high priority ports if pin 100 P6_7_HIGH is
pulled high. Frame base priority function of all ports is enabled if pin 99 COS_EN is pulled high. The
setting in register takes precedence of the setting on pins.
byte
TYPE = 8100
VLAN field
TCI (tag control information)
12~13
14~15
TCI definition:
Bit[15:13]: User Priority 7~0
Bit 12: Canonical Format Indicator (CFI)
Bit[11~0]: VLAN ID.
IP178C uses bit[15:13] to define priority.
byte
TYPE = 0800
TOS field
IP HEADER
12~13
14~15
IP header definition:
Byte 14
Bit[7:0]: IP protocol version number & header length.
Byte 15: Service type
Bit[7~5]: IP Priority (Precedence ) from 7~0
Bit[1:0]: Reserved
IP178C uses bit[4:2] to define priority.
Bit 4: No Delay (D)
Bit 3: High Throughput
Bit 2: High Reliability (R)
42/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com