Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
67/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Router control register 1
30[11]
61[3]
ROUTER_EN.
Enable router function at MII port
1: SMART MAC enabled.
0: SMART MAC disabled.
1’b0
30[10:8]
61[2:0]
LAN_GROUPS[2:0].
Number of VLAN groups of LAN ports in a router application
It defines the VLANs used by LAN ports. Each VLAN should
contain MII port.
It is valid only if router_en is enabled.
000: unsupported value
001: 1 VLAN group, (VLAN 1)
010: 2 VLAN groups, (VLAN 1~VLAN 2)
011: 3 VLAN groups, (VLAN 1~VLAN 3)
100: 4 VLAN groups, (VLAN 1~VLAN 4)
101: 5 VLAN groups, (VLAN 1~VLAN 5)
110: 6 VLAN groups, (VLAN 1~VLAN 6)
111: 7 VLAN groups, (VLAN 1~VLAN 7)
3’b001
WAN_PORTS[7:0].
WAN ports for router application
It is valid only if router_en is enabled.
Bit0
1: port 0 is a WAN port
0: port 0 is not a WAN port
Bit1
1: port 1 is a WAN port
0: port 1 is not a WAN port
Bit2
1: port 2 is a WAN port
0: port 2 is not a WAN port
Bit3
1: port 3 is a WAN port
0: port 3 is not a WAN port
Bit4
1: port 4 is a WAN port
0: port 4 is not a WAN port
Bit5
1: port 5 is a WAN port
0: port 5 is not a WAN port
Bit6
1: port 6 is a WAN port
0: port 6 is not a WAN port
30
30[7:0]
60[7:0]
Bit7
1: port 7 is a WAN port
0: port 7 is not a WAN port
8’h80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com