Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
45/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Special tag
IP178C/IP178CH supports special tag function to exchange switching information with CPU without
involving VLAN tag information. The special tag function is enabled by programming MII register 31.30[14]
STAG_EN.
From CPU to switch
When special tag function is enabled, IP178C/IP178CH forwards packets from MII (CPU) by checking
special tag added by CPU. The tag definition is shown in the following table. IP178C/IP178CH will
remove the special tag 81XX and re-calculate CRC when it forwards the packet to a un-tag field.
IP178C/IP178CH will update the special tag to 81XX and re-calculate CRC when it forwards the packet
to a tag field.
Preamble
SFD
DA
SA
81XX(special tag)
Data
CRC
Special tag 81XX
bit [15:12]
bit[11:8]
bit[7:0]
8
1
0000_0001: instruct 178C forwards the packet to port 0
0000_0010: instruct 178C forwards the packet to port 1
0000_0100: instruct 178C forwards the packet to port 2
0000_1000: instruct 178C forwards the packet to port 3
0001_0000: instruct 178C forwards the packet to port 4
0010_0000: instruct 178C forwards the packet to port 5
0100_0000: instruct 178C forwards the packet to port 6
1000_0000: instruct 178C forwards the packet to port 7
From switch to CPU
When special tag function is enabled, IP178C/IP178CH sends packets to MII (CPU) with source port
information by adding special tag to the frame. IP178C/IP178CH will add the special tag 81XX and
re-calculate CRC when it receives the packet from a un-tag field. IP178C/IP178CH will update the tag
8100 to 81XX and re-calculate CRC when it receives the packet from a tag field. The tag definition is
shown in the following table.
Bit[15:12]
bit[11:8]
bit[7:0]
8
1
0000 0001: the source port of the packet is port 0
0000 0010: the source port of the packet is port 1
0000 0100: the source port of the packet is port 2
0000 1000: the source port of the packet is port 3
0001 0000: the source port of the packet is port 4
0010 0000: the source port of the packet is port 5
0100 0000: the source port of the packet is port 6
1000 0000: the source port of the packet is port 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com