Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 79Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 82Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
83/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Spanning tree registers
31
18
101,100
static_mac_1[15:0]
16’h0
31
19
103,102
static_mac_1[31:16]
16’h0
31
20
105
static_mac_1[47:32]
16’h0
31
21
107,106
[10]: static_overide_1
1: override the transmission, receiving and learning setting in
MII register 31.13.
0: not override
[9]: static_valid_1
1: the entry is valid
0: the entry is not valid
[8:0]: static_port_mask_1
Bit [8]: forward to port MII
Bit [7]: forward to port 7
Bit [6]: forward to port 6
Bit [5]: forward to port 5
Bit [4]: forward to port 4
Bit [3]: forward to port 3
Bit [2]: forward to port 2
Bit [1]: forward to port 1
Bit [0]: forward to port 0
16’h0100
DSCP register for IPv4/IPv6 DiffServ
31
22
109,108
DSCP[15:0]
16’h0
31
23
111,110
DSCP[31:16]
16’h0
31
24
113,112
DSCP[47:32]
16’h0
31
25
115,114
DSCP[63:48]
16’h0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com