Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
51/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
MII status register (address 01)
0
1.4
--
RO
LH
Remote fault
1 = remote fault detected
0 = not remote fault detected
When read as logic 1, indicates that IP178C/IP178CH has
detected a remote fault condition. This bit is set until remote
fault condition gone and before reading the contents of the
register. This bit is cleared after IP178C/IP178CH reset.
0
0
1.3
--
RO
Auto-Negotiation Ability
1 = Auto-Negotiation capable
0 = not Auto-Negotiation capable
When read as logic 1, indicates that IP178C/IP178CH has the
ability to perform Auto-Negotiation. The value of this bit will
depend on the external mode setting of IP178C/IP178CH
operation mode.
1
0
1.2
--
RO
LL
Link Status
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP178C/IP178CH has
determined a valid link has been established. When read as
logic 0, indicates the link is not valid. This bit is cleared until a
valid link has been established and before reading the
contents of this registers.
0
0
1.1
--
RO
LH
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP178C/IP178CH has
detected a jabber condition. This bit is always 0 for 100 Mbps
operation and is cleared after IP178C/IP178CH reset. This bit
is set until jabber condition is cleared and reading the
contents of the register.
0
0
1.0
--
RO
Extended capability
1 = Extended register capabilities
0 = No extended register capabilities
IP178C/IP178CH has extended register capabilities.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com