Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R07 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R07
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R07 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R07 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C-DS-R07 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
49/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
2.15
Register descriptions
R/W = Read/Write, SC = Self-Clearing, RO = Read Only, LL = Latching Low, LH = Latching High
Basic MII registers of port 0
PHY
MII
ROM
R/W
Description
Default
MII control register (address 00)
0
0.15
--
Reset
0
0
0.14
--
R/W
Loop back
1 = Loop back mode
0 = normal operation
When this bit set, IP178C/IP178CH will be isolated from the
network media, that is, the assertion of TXEN at the MII will
not transmit data on the network. All MII transmission data will
be returned to MII receive data path in response to the
assertion of TXEN.
0
0
0.13
--
RW
Speed Selection
1 = 100 Mbpsbps
0 = 10 Mbpsbps
It is valid only if bit 0.12 is set to be 0.
1
0
0.12
--
RW
Auto-Negotiation Enable
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
1
0
0.11
--
R/W
Power Down
0
0
0.10
--
Isolate
0
0
0.9
--
RW
SC
Restart Auto- Negotiation
1 = re-starting Auto-Negotiation
0 = Auto-Negotiation re-start complete
Setting this bit to logic high will cause IP178C/IP178CH to
restart an Auto-Negotiation cycle, but depending on the value
of bit 0.12 (Auto-Negotiation Enable). If bit 0.12 is cleared
then this bit has no effect, and it is Read Only. This bit is
self-clearing after Auto-Negotiation process is completed.
0
0
0.8
--
R/W
Duplex mode
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
0
0
0.7
--
R/W
Collision test
0
0
0[6:0]
--
R/W
Write as 0, ignore on read
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com