Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12DL080CIVS/NO.A Datasheet HTML 10Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 11Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 12Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 13Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 14Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 15Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 16Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 17Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics DNL, INL
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 0, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface limits
apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
DNL
INL
Figure 5.
Figure 6.
DNL vs. fCLK
INL vs. fCLK
Figure 7.
Figure 8.
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
Figure 9.
Figure 10.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com