Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DL080CIVS/NO.A Datasheet HTML 1Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 2Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 3Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 4Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 5Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
Check for Samples: ADC12DL080
1
FEATURES
DESCRIPTION
The ADC12DL080 is a dual, low power monolithic
2
•
Single +3.3V Supply Operation
CMOS
analog-to-digital
converter
capable
of
•
Internal Sample-and-Hold
converting analog input signals into 12-bit digital
•
Internal or External Reference
words at 80 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
•
Outputs 2.4V to 3.6V Compatible
digital error correction and an on-chip sample-and-
•
Power Down Mode
hold circuit to minimize power consumption while
•
Duty Cycle Stabilizer
providing excellent dynamic performance and a 600
MHz Full Power Bandwidth. Operating on a single
•
Pin Compatible with ADC12DL040,
+3.3V power supply, the ADC12DL080 achieves 11.0
ADC12DL065, ADC12DL066
effective bits at Nyquist and consumes just 447mW at
80 MSPS. The Power Down feature reduces power
APPLICATIONS
consumption to 50 mW.
•
Instrumentation
The differential inputs provide a full scale differential
•
Communications Receivers
input swing equal to 2 times VREF with the possibility
•
Sonar/Radar
of a single-ended input. Full use of the differential
input is recommended for optimum performance.
•
xDSL, Cable Modems
Duty cycle stabilization and output data format are
selectable. The output data can be set for offset
KEY SPECIFICATIONS
binary or two's complement.
•
Resolution: 12 Bits
To ease interfacing to lower voltage systems, the
•
Max Conversion Rate: 80 MSPS
digital output driver power pins of the ADC12DL080
•
DNL: ±0.4 LSB (typ)
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage. This
•
SNR (fIN=40MHz): 69 dB (typ)
device is available in the 64-lead TQFP package and
•
SNR (fIN=200MHz): 67 dB(typ)
will operate over the industrial temperature range of
•
SFDR (fIN=40MHz): 82 dB (typ)
−40°C to +85°C. An evaluation board is available to
ease the evaluation process.
•
SFDR (fIN=200MHz): 81 dB (typ)
•
Power Consumption
–
Operating: 447 mW (typ)
–
Power Down Mode: 50 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DL080CIVS/NO.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL080CIVS/NOPB TI1-ADC12DL080CIVS/NOPB Datasheet
831Kb / 34P
A/D Converter for IF Sampling
More results

Similar Description - ADC12DL080CIVS/NO.A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com