Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 5 Page - Texas Instruments

  ADC12DL080CIVS/NO.A Datasheet HTML 1Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 2Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 3Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 4Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 5Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
VD
AGND
VA
DGND
VD
DGND
AGND
VA
VA
AGND
VD
DGND
AGND
VA
ADC12DL080
www.ti.com
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
DIGITAL I/O
Digital clock input. The range of frequencies for this input is as
60
CLK
specified in the electrical tables with ensured performance at 80
MHz. The inputs are sampled on the rising edge.
OF/DOEN selects the output format (OF) or enables the DRDY
output (DOEN). The state of this pin also controls the function of pins
22 and 41.
When OF/DOEN is tied to VRMA or VRMB, DRDY is enabled. Pin 41
is used as the DRDY output strobe, and pin 22 is used to select the
21
OF/DOEN
output format. Output Enable for channels A and B are not available
in this mode.
When OF/DOEN is LOW, the output data format is offset binary.
With OF/DOEN tied HIGH, the output format is 2's complement.
See Table 4 in OF/DOEN, OEA/OF, and OEB/DRDY for more
information.
Output Enable for Channel A (OEA ) or Output format (OF). The
function of this pin is controlled by the state of pin 21.
When DRDY is enabled (pin 21 tied to VRMA or VRMB) this pin sets
the output format. When LOW, the output data format is offset
binary. When HIGH, the output format is 2's complement.
22
OEA/OF
When DRDY is not enabled (pin 21 is LOW or HIGH) this pin is the
Output Enable for Channel A. When LOW the outputs for Channel A
are active. When HIGH, the outputs for Channel A are in a high
impedance state.
See Table 4 in OF/DOEN, OEA/OF, and OEB/DRDY for more
information.
Output Enable for Channel B (OEB ) or Data Ready Output strobe
(DRDY). The function of this pin is controlled by the state of pin 21.
When DRDY is enabled (pin 21 tied to VRMA or VRMB) this pin is the
DRDY output. The data outputs are synchronized with the falling
edge of this signal. This signal switches at the same rate as the input
clock.
41
OEB/DRDY
When DRDY is not enabled (pin 21 is LOW or HIGH) this pin is the
Output Enable for Channel B. When LOW the outputs for Channel B
are active. When HIGH, the outputs for Channel B are in a high
impedance state.
See Table 4 in OF/DOEN, OEA/OF, and OEB/DRDY for more
information.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com