Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12DL080CIVS/NO.A Datasheet HTML 2Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 3Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 4Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 5Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 9Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
VDR
DR GND
AGND
VA
VD
DGND
AGND
VA
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
PD is the Power Down input pin. When high, this input puts the
59
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
24–29
DA0–DA5
34–39
DA6-DA11
Digital data output pins that make up the 12-bit conversion results of
their respective converters. DA0 and DB0 are the LSBs, while DA11
and DB11 are the MSBs of the output word. Output levels are
42–47
DB0–DB5
TTL/CMOS compatible. Optimum loading is < 10pF.
52–57
DB6-DB11
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
9, 18, 19, 62,
VA
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
63
located near the power pins, and with a 10 µF capacitor.
3, 8, 10, 17,
AGND
The ground return for the analog supply.
20, 61, 64
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
33, 48
VD
quiet +3.3V source as is VA and be bypassed to DGND with a 0.1 µF
capacitor located near the power pins, and with a 10 µF capacitor.
32, 49
DGND
The ground return for the digital supply.
Positive driver supply pin for the ADC12DL080's output drivers. This
pin should be connected to a voltage source of +2.4V to VD and be
bypassed to DRGND with a 0.1 µF capacitor. This supply should
30, 51
VDR
also be bypassed with a 10 µF capacitor. VDR should never exceed
the voltage on VD. All 0.1 µF bypass capacitors should be located
near the supply pin.
The ground return for the digital supply for the ADC12DL080's output
drivers. These pins should be connected to the system digital
23, 31, 40,
DRGND
ground, but not be connected in close proximity to the
50, 58
ADC12DL080's DGND or AGND pins. See LAYOUT AND
GROUNDING (Layout and Grounding) for more details.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com