Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12DL080CIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 9Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 10Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 11Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 12Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 13Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
DC and Logic Electrical Characteristics
(1)(2)(3) (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Units
Parameter
Test Conditions
Typical(4)
Limits(4)
(Limits)
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND, VREF = VA
112.5
136
mA (max)
IA
Analog Supply Current
PD Pin = VD
15
mA
PD Pin = DGND
23
26
mA (max)
ID
Digital Supply Current
PD Pin = VD , fCLK = 0
0
mA
PD Pin = DGND, CL = 10 pF
(5)
15
mA
IDR
Digital Output Supply Current
PD Pin = VD, fCLK = 0
0
mA
PD Pin = DGND, CL = 10 pF
(6)
447
535
mW (max)
Total Power Consumption
PD Pin = VD
50
mW
Rejection of Full-Scale Error with
PSRR
Power Supply Rejection Ratio
80
dB
VA = 3.0V vs. 3.6V
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(6)
Excludes IDR. See Note 5.
AC Electrical Characteristics
(1) (2) (3) (4)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 80 MHz, fIN = 40 MHz, CL = 10 pF/pin, Duty Cycle Stabilizer On. Boldface
limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Units
Parameter
Test Conditions
Typical(5)
Limits(5)
(Limits)
fCLK1
Maximum Clock Frequency
80
MHz (min)
fCLK2
Minimum Clock Frequency
10
MHz
tCH
Clock High Time
Duty Cycle Stabilizer On
6.25
3.75
ns (min)
tCL
Clock Low Time
Duty Cycle Stabilizer On
6.25
3.75
ns (min)
tCH
Clock High Time
Duty Cycle Stabilizer Off
6.25
5
ns (min)
tCL
Clock Low Time
Duty Cycle Stabilizer Off
6.25
5
ns (min)
tr, tf
Clock Rise and Fall Times
2
ns (max)
tCONV
Conversion Latency
7
Clock Cycles
3.5
ns (min)
Data Output Delay after Rising Clock
tOD
7.5
Edge
11
ns (max)
Output Set up time from data output
tOSU
See(6)
7.2
4
ns (min)
transition to rising edge of DRDY
Output Hold time from rising edge of
tOH
See(6)
5.3
4
ns (min)
DRDY to next data output transition
tAD
Aperture Delay
2
ns
tAJ
Aperture Jitter
0.3
ps rms
tDIS
Data outputs into Hi-Z Mode
10
ns
tEN
Data Outputs Active after Hi-Z Mode
10
ns
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 of the Absolute Maximum Ratings Table. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions. See Figure 2.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Timing specifications are tested at TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge.
(5)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are to AOQL (Average Outgoing Quality Level).
(6)
This parameter is ensured by design and/or characterization and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com