Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080CIVS/NO.A Datasheet(PDF) 22 Page - Texas Instruments

Part # ADC12DL080CIVS/NO.A
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080CIVS/NO.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC12DL080CIVS/NO.A Datasheet HTML 18Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 19Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 20Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 21Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 22Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 23Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 24Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 25Page - Texas Instruments ADC12DL080CIVS/NO.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
For differential operation, each analog input pin of the differential pair should have a peak-to-peak voltage equal
to the reference voltage, VREF, be 180 degrees out of phase with each other and be centered around VCM.
Single-Ended Operation
Performance with differential input signals is better than with single-ended signals. For this reason, single-ended
operation is not recommended. However, if single ended-operation is required and the resulting performance
degradation is acceptable, one of the analog inputs should be connected to the d.c. mid point voltage of the
driven input. The peak-to-peak input signal at the driven input pin should be twice the reference voltage to
maximize SNR and SINAD performance (Figure 41b). For example, set VREF to 1.0V, bias VIN− to 1.5V and drive
VIN+ with a signal range of 0.5V to 2.5V.
Because very large input signal swings can degrade distortion performance, better performance with a single-
ended input can be obtained by reducing the reference voltage when maintaining a full-range output. Table 1 and
Table 2 indicate the input to output relationship of the ADC12DL080.
Table 1. Input to Output Relationship – Differential Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF/2
VCM + VREF/2
0000 0000 0000
1000 0000 0000
VCM − VREF/4
VCM + VREF/4
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/4
VCM − VREF/4
1100 0000 0000
0100 0000 0000
VCM + VREF/2
VCM − VREF/2
1111 1111 1111
0111 1111 1111
Table 2. Input to Output Relationship – Single-Ended Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF
VCM
0000 0000 0000
1000 0000 0000
VCM − VREF/2
VCM
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/2
VCM
1100 0000 0000
0100 0000 0000
VCM + VREF
VCM
1111 1111 1111
0111 1111 1111
Driving the Analog Inputs
The VIN+ and the VIN− inputs of the ADC12DL080 consist of an analog switch followed by a switched-capacitor
amplifier. As the internal sampling switch opens and closes, current pulses occur at the analog input pins,
resulting in voltage spikes at the signal input pins. As the driving source attempts to counteract these voltage
spikes, it may add noise to the signal at the ADC analog input. To help isolate the pulses at the ADC input from
the amplifier output, use RCs at the inputs, as can be seen in Figure 43 and Figure 44. These components
should be placed close to the ADC inputs because the input pins of the ADC is the most sensitive part of the
system and this is the last opportunity to filter that input.
For Nyquist applications the RC pole should be at the ADC sample rate. The ADC input capacitance in the
sample mode should be considered when setting the RC pole. For wideband undersampling applications, the RC
pole should be set at about 1.5 to 2 times the maximum input frequency to maintain a linear delay response. The
values of the RC shown in Figure 43 and Figure 44 are suitable for applications with input frequencies up to
approximately 70MHz.
Input Common Mode Voltage
The input common mode voltage, VCM, should be in the range of 1.0V to 2.0V and be a value such that the peak
excursions of the analog signal does not go more negative than ground or more positive than 2.6V. See
Reference Pins.
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com