Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
16
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6. Control Register Definitions
6.1 Control Register Map
Function
Reg.
Bit #
Name
Type
Reset Value
Input Horizontal Offset
0
7-0
IHO7-0
R/W
00
1
2-0
IHO10-8
R/W
00
Input Vertical Offset
2
7-0
IVO7-0
R/W
00
3
2-0
IVO10-8
R/W
00
Input Horizontal Width
4
7-0
IHW7-0
R/W
D0 (720.)
5
1-0
IHW9-8
R/W
02
Vertical Scaling Coefficient
6
7-0
VSC7-0
R/W
00
7
7-0
VSC15-8
R/W
00
Horizontal Down/Up Scaling Coefficients
8
7-0
HDSC7-0
R/W (Down)
00
9
7-0
HUSC7-0
R/W (Up)
00
Command Register
C
7-0
CR7-0
R/W
00
D
7-0
CR15-8
R/W
10
Status Port
E
7-0
SP7-0
R
00
F
-
-
R
00
Numerator of NCO Low Word
10
7-0
NCON7-0
R/W
00 (131,072.)
11
7-0
NCON15-8
R/W
00
Numerator of NCO High Word
12
7-0
NCON23-16
R/W
02
13
-
-
Denominator of NCO Low Word
14
7-0
NCOD7-0
R/W
00 (524,288.)
15
7-0
NCOD15-8
R/W
00
Denominator of NCO High Word
16
7-0
NCOD23-16
R/W
08
17
-
-
Auxiliary Pixel Offset
18
7-0
APO7-0
R/W
00
19
1-0
APO9-8
R/W
00
Auxiliary Line Offset
1A
6-0
ALO6-0
R/W
00
1B
-
-
R/W
00
Auxiliary Field Offset
1C
0
AFO
R/W
00
1D
-
-
00
HSync Pulse Width
1E
7-0
HSOUTWID7-0
R/W
00
1F
2-0
HSOUTWID10-8
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com