Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 49Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 50Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 51Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
53
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
7.5 Interfacing to the FS450 in a Mixed Voltage Environment
As many devices designed today, the FS450 is powered by +3.3 Volts. However, 5 Volt devices are still
very common today and will continue to be used for some time in the future. To meet this interface
requirement the FS450 has 5 Volt tolerant inputs.
7.5.1 Interfacing to the SIO bus.
The SIO bus was developed previous to 3.3V logic processes. The SIO bus input voltage specification is 1.5
Volts for VIL and 3.0 Volts for VIH. The FS450 is built on a 3.3 Volt process and has 5 Volt tolerant inputs
with a VIL of 0.8 Volts and a VIH of 2.0 Volts.
For most applications this voltage difference is not an issue as the output drive low specification (VOL) of the
SIO bus and the FS450 are both 0.4 Volts. However, in heavily loaded SIO busses the output VOL is not
always preserved.
An easy way to regain the 0.7 Volt difference in the VIL specification of the FS450 and the SIO bus is to bias
the FS450’s input negative by a diode drop (D1). The diode can be biased by a long-tail resistor pair or a
current source pair. Shown below is the long-tail pair:
+12V
-12V
R1
22K
R2
27K
D1
To
I2C
To
FS450
Figure 11. SIO Translation Using Long-tail Resistors
D1 = 1N4148
The long-tail pair is a simple circuit but has the disadvantage of requiring higher voltage power supplies.
Also, these supplies may have to powered up in a specific sequence so the surround circuits are not over-
voltage.
The translation circuit below requires only one 5 Volt power supply and has no special sequence
requirements. In addition, the circuit offers a high impedance load (Q1 become reverse biased) to the SIO
bus when its power supply is removed. Unfortunately, it requires more parts. In applications where
transistors are more readily available, R2 and R3 can be replaced with diode connected transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com