Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 32Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 33Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 34Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 35Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 36Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 37Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 38Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 39Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
36
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.17 VSOUTWID, VSOUTST, VSOUTEND - VSync Out Width, Starting and
Ending Edge
VSync Out Width Low (3A)
7
6
5
4
3
2
1
0
VSOUTWID7
VSOUTWID6
VSOUTWID5
VSOUTWID4
VSOUTWID3
VSOUTWID2
VSOUTWID1
VSOUTWID0
VSync Out Width High (3B)
7
6
5
4
3
2
1
0
0
0
0
0
0
VSOUTWID10
VSOUTWID9
VSOUTWID8
VSync Out Starting Edge Low (3C)
7
6
5
4
3
2
1
0
VSOUTST7
VSOUTST6
VSOUTST5
VSOUTST4
VSOUTST3
VSOUTST2
VSOUTST1
VSOUTST0
VSync Out Starting Edge High (3D)
7
6
5
4
3
2
1
0
0
0
0
0
0
VSOUTST10
VSOUTST9
VSOUTST8
VSync Out Ending Edge Low (3E)
7
6
5
4
3
2
1
0
VSOUTEND7
VSOUTEND6
VSOUTEND5
VSOUTEND4
VSOUTEND3
VSOUTEND2
VSOUTEND1
VSOUTEND0
VSync Out Ending Edge High (3F)
7
6
5
4
3
2
1
0
0
0
0
0
0
VSOUTEND10
VSOUTEND9
VSOUTEND8
Reg
Bit#
Bit Name
Description
3B, 3A
10-0
VSOUTWID10-0
VSync Out Width [10:0]. Width of VSync Out during a frame.
3D, 3C
10-0
VSOUTST10-0
VSync Starting Edge [10:0]. Starting edge of VSync Out during a
frame.
3F, 3E
10-0
VSOUTEND10-0
VSync Ending Edge [10:0]. Ending edge of VSync Out during a
frame.
Range of VSOUTWID, VSOUTST, and VSOUTEND: {0 : 2048}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com