Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 28Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 29Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 30Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 31Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 32Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 33Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 34Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 35Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
32
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.12 SHP, FLK - Sharpness and Flicker Filter
Sharpness Low (24)
7
6
5
4
3
2
1
0
0
0
0
SHP4
SHP3
SHP2
SHP1
SHP0
Sharpness High (25)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
24
4-0
SHP4-0
Flicker Filter Sharpness [4-0]. SHP accentuates the joint high
vertical - high horizontal frequencies to sharpen edges. SHP is an
unsigned number.
Range: {0 : 31} Provides 0 to 31/16 (6 dB) joint high horizontal and vertical frequency boost.
Flicker Filter Coefficient Low (26)
7
6
5
4
3
2
1
0
0
0
0
FLK4
FLK3
FLK2
FLK1
FLK0
Flicker Filter Coefficient Low (27)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
Reg
Bit#
Bit Name
Description
26
4-0
FLK4-0
Flicker Filter Coefficient [4:0]. Provides weighting factor for 3
line flicker filter. FLK is an unsigned number.
Range: {0 : 23}
Notes:
The FS450 Flicker Filter is more complex than a Three Line Average (TLA) flicker filter. The FS450 flicker filter
includes a variable vertical filter response in addition to a sharpness function. Adjusting the FLK Coefficient
modifies the vertical filter from no filtering (FLK = 0) to a Three Line Average (FLK = 16), giving the user the best
choice in filtering options.
In addition to the variable vertical settings, the FS450 flicker filter has a sharpness function. This function is a two
dimensional peaking function which accentuates the joint high vertical - high horizontal spatial frequencies (an
"edge enhancer"). The three line variable two dimensional flicker filter is formed by summing the unit impulse
function with a vertical flicker function scaled by FLK (Flicker Coefficient) and the peaking function which is scaled
by SHP (Sharpness Coefficient). The FLK and SHP variables have 5 bits of resolutions, with a usable a range
from 0 to 16/16 for FLK, and 0 to 31/16 for SHP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com