Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 22Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 23Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
20
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2 Control Register Definitions
In the following definitions, range is defined as:
{min value : [max value]}
Please note that registers 0-3F use the little endian numbering scheme while registers 40-8D use
the big endian numbering scheme.
6.2.1 IHO - Input Horizontal Offset
Input Horizontal Offset Low (0)
7
6
5
4
3
2
1
0
IHO7
IHO6
IHO5
IHO4
IHO3
IHO2
IHO1
IHO0
Input Horizontal Offset High (1)
7
6
5
4
3
2
1
0
0
0
0
0
0
IHO10
IHO9
IHO8
Reg
Bit#
Bit Name
Description
1, 0
2-0, 7-0
IHO10-0
Input horizontal offset bits [10-0]. Horizontal displacement of the
image in pixels from the leading edge of horizontal sync. IHO is an
unsigned number.
Range: {0 : [Total Pixels/Line]-1}
6.2.2 IVO - Input Vertical Offset
Input Vertical Offset Low (2)
7
6
5
4
3
2
1
0
IVO7
IVO6
IVO5
IVO4
IVO3
IVO2
IVO1
IVO0
Input Vertical Offset High (3)
7
6
5
4
3
2
1
0
0
0
0
0
0
IVO10
IVO9
IVO8
Reg
Bit#
Bit Name
Description
3, 2
2-0, 7-0
IVO10-0
Input vertical offset bits [10:0]. Vertical displacement of the
image in lines from the leading edge of vertical sync plus a one line
bias. IVO is an unsigned number.
Range: {0 : [Total Lines/Frame]-1}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com