Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS451 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # FS451
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS451 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button FS451 Datasheet HTML 34Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 35Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 36Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 37Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 38Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 39Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 40Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 41Page - List of Unclassifed Manufacturers FS451 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
38
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.19 Chroma Phase, Miscellaneous Bits 45
Chroma Phase (44)
7
6
5
4
3
2
1
0
CHR_PHASE7
CHR_PHASE6
CHR_PHASE5
CHR_PHASE4
CHR_PHASE3
CHR_PHASE2
CHR_PHASE1
CHR_PHASE0
Miscellaneous Bit Register 45 (45)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
CLRBAR
BYPYCLP
Reg
Bit#
Bit Name
Description
44
7-0
CHR_PHASE7-0
Pre-set Subcarrier Phase [7:0]. Value for pre-set subcarrier
phase (only upper 8 bit programmable, lower 24 bits =0).
45
0
BYPYCLP
Bypass Y Clamp. Allows for non-standard range of Luma on Y-
inputs. 0=Luma expected range [16:235], and clamped to this
range. 1=Luma expected in range [0:255] and no clamping is
performed.
45
1
CLRBAR
Color Bar Mode. Causes the YC inputs in the encoder to be
ignored and forces a color bar pattern onto the input. The color bar
pattern is a repeating sequence of 8 colors at 75% amplitude and
100% saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com