Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 10 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 10 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 6Page - Norgren Ltd CS6010010 Datasheet HTML 7Page - Norgren Ltd CS6010010 Datasheet HTML 8Page - Norgren Ltd CS6010010 Datasheet HTML 9Page - Norgren Ltd CS6010010 Datasheet HTML 10Page - Norgren Ltd CS6010010 Datasheet HTML 11Page - Norgren Ltd CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
06/97
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
N/AL 9.12.004.01
Spring Coils
PU Pneuflex Series
q PU Pneuflex coils are suitable for high mechanical
deformations, machine tools, etc.
q Coils are supplied complete with swivel fittings at
both ends
q High degree of flexibility
q Good resistance to abrasion and impact strength
q Very short diameter on windings
Technical Data
Medium:
Compressed air, water, inert gases, oils, hydrocarbons, solvents
and any other fluid compatible with polyurethane
Operating Pressure:
See details overleaf
Operating Temperature:
-20°c to +50°c
See details overleaf
Tube Sizes
6, 8, 10, 12mm O/D
2, 4, 6, 8m maximum working lengths
Thread Sizes:
1⁄8, 1⁄4, 3⁄8 BSPT
Materials:
Tubing Coils: Polyurethane polyester based
Body and nut: brass nickel plated
Protection spring: steel, zinc plated
Seal: NBR
Ordering Information
To order, quote appropriate product numbers
from the tables on the following page.
Polyurethane
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com