Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 11 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 11 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 7Page - Norgren Ltd CS6010010 Datasheet HTML 8Page - Norgren Ltd CS6010010 Datasheet HTML 9Page - Norgren Ltd CS6010010 Datasheet HTML 10Page - Norgren Ltd CS6010010 Datasheet HTML 11Page - Norgren Ltd CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd CS6010010 Datasheet HTML 15Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PU Pneuflex
N/AL 9.12.003.02
06/97
Our policy is one of continuous research and development. We therefore reserve the
right to amend, without notice, the specifications given in this document.
Product
Diameter
A
B
Effective
C
D
Max working
E
number
of tube
Length
Length
Working
Coil Length in
Diameter
pressure
Thread
D x d
End A
End B
Length (m)
neutral position (mm)
on Windings
bar
PU310600218
6 x 4
300
100
2
165
32
10
R1⁄8
PU310600418
6 x 4
300
100
4
350
32
10
R1⁄8
PU310600618
6 x 4
300
100
6
545
32
10
R1⁄8
PU310600818
6 x 4
300
100
8
720
32
10
R1⁄8
PU310800228
8 x 5
500
100
2
180
42
10
R1⁄4
PU310800428
8 x 5
500
100
4
400
42
10
R1⁄4
PU310800628
8 x 5
500
100
6
630
42
10
R1⁄4
PU310800828
8 x 5
500
100
8
800
42
10
R1⁄4
PU311000228
10 x 6,5
500
100
2
185
52
9
R1⁄4
PU311000428
10 x 6,5
500
100
4
400
52
9
R1⁄4
PU311000628
10 x 6,5
500
100
6
635
52
9
R1⁄4
PU311000828
10 x 6,5
500
100
8
800
52
9
R1⁄4
PU311200238
12 x 8
500
100
2
180
65
9
R3⁄8
PU311200438
12 x 8
500
100
4
390
65
9
R3⁄8
PU311200638
12 x 8
500
100
6
590
65
9
R3⁄8
PU311200838
12 x 8
500
100
8
780
65
9
R3⁄8
General Information - PU Pneuflex Spring Coils
Mounting Method
Male thread and swivel fittings at both ends.
PU Pneuflex Coils are coloured red.
To calculate working pressures at various temperatures,
multiply working pressure by factor given in table.
Working Pressure/Temperature Conversion Factor
Dimensional Drawing
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where
pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to
consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or
damage to equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.
Working temperature °C
Factor
-20°c to +23°c
1,00
30c
0,85
40°c
0,70
50°c
0,60
CA
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com