Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 20 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 20 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd CS6010010 Datasheet HTML 15Page - Norgren Ltd CS6010010 Datasheet HTML 16Page - Norgren Ltd CS6010010 Datasheet HTML 17Page - Norgren Ltd CS6010010 Datasheet HTML 18Page - Norgren Ltd CS6010010 Datasheet HTML 19Page - Norgren Ltd CS6010010 Datasheet HTML 20Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
11/97
N/AL 9.13.001.03
Accessories
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to
consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or
damage to equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0219 02 4
25,6
12,7
5,3
8,2
5,1
6,4
34 0219 03 5
27,9
12,7
6,1
9,7
5,1
6,4
34 0219 04 6
32,0
12,7
7,6
13,0
5,1
6,4
34 0219 05 8
36,0
12,7
9,4
16,1
5,1
6,4
34 0219 06 10
39,9
12,7
10,5 19,3
5,1
6,4
34 0219 07 12
48,0
12,7
12,7 25,6
5,1
6,4
D
R
D3
Q
Tubing Clips - single sided
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0219 03 3⁄16" 1,10" 0,5" 0,24" 0,38" 0,20" 0,25"
34 0219 04 1⁄4"
1,26" 0,5" 0,30" 0,51" 0,20" 0,25"
34 0219 05 5⁄16" 1,42" 0,5" 0,37" 0,63" 0,20" 0,25"
34 0219 06 3⁄8"
1,57" 0,5" 0,41" 0,76" 0,20" 0,25"
34 0219 07 1⁄2"
1,89" 0,5" 0,54" 1,01" 0,20" 0,25"
Metric - double tube
Inch - double tube
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0220 02 4
29,6
12,7
5,3
12,1
5,1
6,4
34 0220 03 5
32,0
12,7
6,1
14,5
5,1
6,4
34 0220 04 6
40,0
12,7
7,6
19,3
5,1
6,4
34 0220 05 8
47,9
12,7
9,4
24,0
5,1
6,4
34 0220 06 10
55,6
12,7
10,4 28,8
5,1
6,4
34 0220 07 12
60,6
12,7
13,7 38,4
5,1
6,4
D
R
D3
Q
Tubing Clips - single sided
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0220 03 3⁄16" 1,26" 0,5" 0,24" 0,57" 0,20" 0,25"
34 0220 04 1⁄4"
1,57" 0,5" 0,30" 0,76" 0,20" 0,25"
34 0220 05 5⁄16" 1,88" 0,5" 0,37" 0,95" 0,20" 0,25"
34 0220 06 3⁄8"
2,20" 0,5" 0,41" 1,13" 0,20" 0,25"
34 0220 07 1⁄2"
2,39" 0,5" 0,54" 1,51" 0,20" 0,25"
Metric - triple tube
Inch - triple tube
Product
A
D
D1
D2
D3
Q R
number
O/D
tube
34 0216 08 16
57,2
19,1
16,0
7,1
19,1
36 0003 10 22
76,3
19,1
22,7
7,1
22,2
34 0216 11 28
89,0
19,1
28,6
7,1
28,6
D
Q
Ø
R
R
Tubing Clips - double sided
Product
A
D
D1
D2
D3
Q R
number
O/D
tube
34 0216 08 5⁄8"
2,25"
0,75"
0,63" 0,28" 0,75"
34 0216 09 3⁄4"
2,63"
0,75"
0,75" 0,28" 0,875"
Metric
Inch
Product
Pack
Drilling required
number
48 0034 24
200
Cast iron
– 4,5mm dia. drill
Solid metal
– 4,4mm dia. drill
Sheet metal
– 4mm dia. drill
Self-tapping screw
This screw is suitable for clips on tubes up to and including 1/2"
O/D and 12mm O/D. For larger sizes use a 1/4" or 6 mm bolt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com