Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 19 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 19 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd CS6010010 Datasheet HTML 15Page - Norgren Ltd CS6010010 Datasheet HTML 16Page - Norgren Ltd CS6010010 Datasheet HTML 17Page - Norgren Ltd CS6010010 Datasheet HTML 18Page - Norgren Ltd CS6010010 Datasheet HTML 19Page - Norgren Ltd CS6010010 Datasheet HTML 20Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
28.5
4.7
20.2
1.18
Mounting Base
Product Number: 34 0380 24
Product Number: 34 0380 23
Tie can be inserted from any of 4 sides. Fixing adhesive backing. Both bases
have additional fixing holes for use as required.
G
ØE
A
F
Tubing Channels
Product
Length
Width
Maximum
number
Bundle ø
34 0380 11
200
4,7
50
34 0380 12
300
4,7
81
N/AL 9.13.001.02
11/97
Accessories
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Releasable ties
Nylon Tube Ties
Remain securely locked until intentionally released by
operating finger catch.
Product
Length
Width
Maximum
number
Bundle ø
34 0380 01
150
3,5
35
34 0380 02
200
3,5
50
34 0380 03
300
3,5
75
Lockable ties
Nylon Tube Ties
Non-return cam action provides permanent fixing.
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0218 02 4
20,3
12,7
5,3
4,2
5,1
6,4
34 0218 03 5
20,3
12,7
6,1
5,0
5,1
6,4
34 0218 04 6
21,8
12,7
7,6
6,6
5,1
6,4
34 0218 05 8
23,4
12,7
9,4
8,2
5,1
6,4
34 0218 06 10
24,4
12,7
10,5 9,7
5,1
6,4
34 0218 07 12
27,9
12,7
13,7 13,0
5,1
6,4
34 0215 08 16
34,3
19,1
16,0 15,8
7,1
7,1
36 0001 10 22
44,2
19,1
22,7 22,2
7,1
7,1
34 0215 11 28
51,6
19,1
28,6 28,6
7,1
7,1
D
R
D3
Q
Tubing Clips - single sided
Product
A
D
D1
D2
D3
Q
R
number
O/D
tube
34 0218 03 3⁄16" 0,80" 0,5" 0,24" 0,20" 0,20" 0,25"
34 0218 04 1⁄4"
0,86" 0,5" 0,30" 0,26" 0,20" 0,25"
34 0218 05 5⁄16" 0.92" 0,5" 0,37" 0,32" 0,20" 0,25"
34 0218 06 3⁄8"
0,96" 0,5" 0,41" 0,38" 0,20" 0,25"
34 0218 07 1⁄2"
1,10" 0,5" 0,54" 0,51" 0,20" 0,25"
34 0215 08 5⁄8"
1,35" 0,75" 0,63" 0,62" 0,28" 0,28"
34 0215 09 3⁄4"
1,53" 0,75" 0,75" 0,75" 0,28" 0,28"
Metric - single tube
Inch - single tube
27.0
Mounting cradle
For releasable ties
For locking ties
Nylon Tube Tie Mountings
Product Number: 34 0380 21
Very neat fixing: body of cradle encapsulates head of tie. Fixing hole for M6 bolt.
12.5
3.5
Mounting Base
Product Number: 34 0380 22
For use where space is restricted. Tie is slipped through slot in mounting. Fixing hole for M5 bolt.
13.2
19.0
3.8
1.3
Product
No. of
A
B
C
D
E
F
G
number
channels
Ø
100HA0500
10
96,0
13,5
9,0
6,0
2,5
4,3
9,7
100HA0600
10
105,0
13,5
9,0
5,5
3,0
5,2
10,5
100HA0800
10
135,0
15,5
12,0
7,5
3,0
6,8
13,5
100H61200
6
118,0
17,5
16,5
10,0
3,4
10,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com