Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 15 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 15 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 11Page - Norgren Ltd CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd CS6010010 Datasheet HTML 15Page - Norgren Ltd CS6010010 Datasheet HTML 16Page - Norgren Ltd CS6010010 Datasheet HTML 17Page - Norgren Ltd CS6010010 Datasheet HTML 18Page - Norgren Ltd CS6010010 Datasheet HTML 19Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
N/AL 9.12.002.02
11/97
Inch Tubing and Hose
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
General Information – Inch Nylon Tubing
Nylon (spring coils)
O/D
I/D
Maximum working
Bending
tube
tube
pressure at -40°
radius
size
size
to +20°C (bar)
centreline
1⁄8"
0,065"
28,0
0,80"
5⁄32"
0,100"
26,0
1,00"
3⁄16"
0,125"
21,8
1,50"
1⁄4"
0,175"
20,0
1,70"
5⁄16"
0,215"
19,3
2,00"
3⁄8"
0,260"
18,2
2,50"
1⁄2"
0,370"
14,5
3,00"
5⁄8"
0,470"
13,2
4,00"
3⁄4"
0,590"
10,8
6,00"
Maximum working pressures
Working temperature °C
Factor
-40°C to +20°
1,00
+30°
0,83
+40°
0,75
+50°
0,64
+60°
0,57
+80°
0,47
Working Pressure/Temperature
Conversion Factors
O/D
I/D
Product number
tube
tube
Natural
Red
Black
size
size
50’ coils
250’ coils
500’ coils
2000’ coils
50’ coils
250’ coils
50’ coils
250’ coils
1⁄8"
0,065"
PA0051050C
PA0051250
––
–
–
PA0751050C
–
5⁄32"
0,100"
PA0052050C
PA0052250
––
PA0152050C
–
PA0752050C
–
3⁄16"
0,125"
PA0053050C
PA0053250
–
PA0053B00D
PA0153050C
–
PA0753050C
PA0753250
1⁄4"
0,175"
PA0054050C
PA0054250
PA0054500
PA0054B00D
PA0154050C
PA0154250
PA0754050C
PA0754250
5⁄16"
0,215"
PA0055050C
PA0055250
PA0055500
–
PA0155050C
PA0155250
PA0755050C
PA0755250
3⁄8"
0,260"
PA0056050C
PA0056250
PA0056500
–
PA0156050C
–
PA0756050C
–
1⁄2"
0.370"
PA0057050C
PA0057250
PA0057500
–
PA0157050C
–
PA0157050C
–
5⁄8"
0,470"
PA0058050
PA0058250
––
–
–
–
–
3⁄4"
0,590"
PA0059050
––
–
PA0159050
––
–
To calculate working pressures at various temperatures, multiply working pressure at
-40° to +20°C by factor given in table.
Maximum continuous working temperature 80°C.
Product
O/D
Colour
number
tube size
PF1053100
3⁄16
Natural
PF1054100
1⁄4
Natural
PF1055100
5⁄16
Natural
PF1056100
3⁄8
Natural
Food Grade Tubing
A special grade of nylon tubing is available for all food industry applications. This
tubing is entirely odourless and tasteless, and will not impart extraneous flavour or
odour to susceptible foods or beverages.
Supplied in 100ft coils.
O/D
I/D
Product number
tube
tube
Blue
Brown
Green
Yellow
size
50’ coils
250’ coils
50’ coils
250’ coils
50’ coils
250’ coils
50’ coils
250’ coils
1⁄8"
0,065"
PA0551050C
––
–
PA0251050C
–
PA0351050C
–
5⁄32"
0,100"
PA0552050C
–
PA0452050C
–
PA0252050C
–
PA0352050C
–
3⁄16"
0,125"
PA0553050C
–
PA0453050C
–
PA0253050C
–
PA0353050C
–
1⁄4"
0,175"
PA0554050C
PA0554250
PA0454050C
PA0454250
PA0254050C
PA0254250
PA0354050C
PA0354250
5⁄16"
0,215"
PA0555050C
PA0555250
PA0455050C
PA0455250
PA0255050C
–
PA0355050C
3⁄8"
0,260"
PA0556050C
–
PA0456050C
–
PA0256050C
–
PA0356050C
––
1⁄2"
0.370"
PA0557050C
–
PA0457050C
–
PA0257050C
–
PA0257050C
–
5⁄8"
0,470"
––
–
–
––
–
–
3⁄4"
0,590"
––
–
–
––
–
–
4"
2" min
straight
4"
2" min
straight
C
Product
A
B
C
Number
nominal
nominal
nominal
tube O/Dia
coil I/Dia
closed length
40007203
3⁄16"2"
8"
40007204
1⁄4"2"
101⁄2"
40007205
5⁄16"23⁄4"91⁄2"
40007206
3⁄8"31⁄2"9"
40007207
1⁄2"31⁄2"111⁄2"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com