Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6010010 Datasheet(PDF) 17 Page - Norgren Ltd

Part # CS6010010
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS6010010 Datasheet(HTML) 17 Page - Norgren Ltd

Back Button CS6010010 Datasheet HTML 12Page - Norgren Ltd CS6010010 Datasheet HTML 13Page - Norgren Ltd CS6010010 Datasheet HTML 14Page - Norgren Ltd CS6010010 Datasheet HTML 15Page - Norgren Ltd CS6010010 Datasheet HTML 16Page - Norgren Ltd CS6010010 Datasheet HTML 17Page - Norgren Ltd CS6010010 Datasheet HTML 18Page - Norgren Ltd CS6010010 Datasheet HTML 19Page - Norgren Ltd CS6010010 Datasheet HTML 20Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
N/AL 9.12.002.04
11/97
Inch Tubing and Hose
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
The following technical information is valid for copper tube when used with compression fittings, see Section 9.5.
For further information please consult our Technical Service.
Copper Tubing
Product
O/D I/D
Wall
Min
Recommended
Number
tube tube thickness bend safe working
10m coils
size size
(SWG)
radius pressure (bar)
(33ft)
-200°C to +50°C
CS6051033 1⁄8" 0,069 22
3⁄8"
205
CS6052033 5⁄32" 0,100 22
15⁄32" 156
CS6053033 3⁄16" 0,131 22
9⁄16"
126
CS6054033 1⁄4" 0,178 20
3⁄4"
120
CS6055033 5⁄16" 0,240 20
15⁄16"94
CS6056033 3⁄8" 0,303 20
11⁄8"77
3m straight (10ft)
CS6057010 1⁄2" 0,404 18
11⁄2"77
CS6058010 5⁄8" 0,529 18
17⁄8"60
CS6059010 3⁄4" 0,622 16
21⁄4"68
CS6060010 7⁄8" 0,747 16
2 5⁄8"57
CS6062010 1 1⁄8" 0,997 16
3 3⁄8"44
Standard Duty: Annealed
Manufactured to BS 2017: 1963 with dimensions generally
to Table 1.
Tolerances on O/D are +0,000" to –0,003".
The recommended safe working pressures are calculated In accordance with BS1306 with a stress value of 41N/mm2 (62 for half hard) and minimum tube wall
thickness. For safe working pressures at temperatures other than -200°c to +50°C refer to Pressure De-rating Factor table below.
Pressure De-rating Factor
For temperatures other than -200°C to +50°C
Tube
-200°C
+50°C
+100°C +150°C +175°C
to
to
to
to
to
+50°C
+100°C +150°C +175°C +200°C
Annealed 1,0
0,97
0,82
0,63
0,43
Half-hard 1,0
0,95
0,88
0,54
0,29
To calculate the working pressure at temperatures other than –200°C to +50°C multiply the
working pressure given in the appropriate table by the factor given in this table.e.g. Safe working
pressure of standard duty half-hard copper tube, 5⁄16 O/D at +120°C = 143 x 0,88 = 126 bar.
Product
O/D I/D
Wall
Min
Recommended
Number
tube tube thickness bend safe working
3m straight
size size (SWG)
radius pressure (bar)
(10ft)
-200°C to +50°C
CS7053010 3⁄16" 0,131 22
9⁄16"
192
CS7054010 1⁄4" 0,178 20
3⁄4"
184
CS7055010 5⁄16" 0,240 20
15⁄16" 143
CS7056010 3⁄8" 0,303 20
11⁄8"
117
CS7057010 1⁄2" 0,404 18
11⁄2"
117
CS7058010 5⁄8" 0,529 18
17⁄8"92
CS7059010 3⁄4" 0,622 16
21⁄4"
103
CS7060010 7⁄8" 0,747 16
25⁄8"87
CS7051010 1⁄8" 0,069 22
3⁄8"
313
CS7052010 5⁄32" 0,1
22
15⁄32" 238
Standard Duty: Half Hard
Manufactured to BS 2017: 1963 with dimensions generally
to Table 1.
Tolerances on O/D are +0,000" to –0,003".
Product
O/D
Inside
Min
Max
Number
tube
diameter
bend
working
3m straight
radius
pressure
(10ft)
centreline
CH6053010 3⁄16"
0,115"
9⁄16"
CH6054010 1⁄4"
0,154"
3⁄4"
CH6055010 5⁄16"
0,216"
1 5⁄16"
See
CH6056010 3⁄8"
0,279"
1 1⁄8"
Note †
CH6057010 1⁄2"
0,372"
1 1⁄2"
CH6058010 5⁄8"
0,497"
1 7⁄8"
CH6059010 3⁄4"
0,590"
2 1⁄4"
CH6060010 7⁄8"
0,715
2 5⁄8"
Heavy Duty
† When used with compression tube fittings the maximum working pressure for heavy duty tubing
should be regarded as being the same as for our standard duty for safety reasons. For other
applications the heavy duty range will withstand higher pressures. For further and more precise
details please consult our Technical Service.
Warning
These products are intended for use in industrial compressed air systems only. Do not use these products where pressures and temperatures can
exceed those listed under ‘Technical Data’.
Before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not
within published specifications, consult Norgren.
Through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. The system designer is warned to
consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or
damage to equipment in the event of such failure.
System designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products
where applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com