Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 15 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 15 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN5/2 Datasheet HTML 11Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 12Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 13Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 14Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 15Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 16Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 17Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 18Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 19Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
13
ND
L
ND
XL
TERMINATION ASSEMBLIES
“A” General Duty/
“C” Pressurized“
PT00A-XX-XXX
SP00A-XX-XXX
PT00C-XX-XXX
“A” (SR), “E” (SR), “P” (SR),
MS / “F” Strain Relief
PT00A-XX-XXX (SR)
SP00A-XX-XXX (SR)
PT00E-XX-XXX (SR)
SP00E-XX-XXX (SR)
PT00P-XX-XXX (SR)
SP00P-XX-XXX (SR)
MS3110F-XX-XXX
“E” Open Wire Seal
PT00E-XX-XXX
SP00E-XX-XXX
MS3110E-XX-XXX
“P” Potting Boot
PT00P-XX-XXX
SP00P-XX-XXX
MS3110P-XX-XXX
“PG” Cable Gland Seal
PT00PG-XX-XXX
“J” Cable Seal
MS3110J-XX-XXX
To complete part number see how to order on page 25.
n
(MMC) located within .0025 of (TP)
Shell
Size
Receptacle Front View
Receptacle Side View
Class “A”, “C”
R
(TP)
S
Max.
A
+.001
–.005
K +.020
–.010
L
Max.
M +.010
–.000
Q
Thread
Class 2A
Z
Max.
D
Min.
L
Max.
N
Max.
V
Thread
Class A
PT
SP
PT
SP
PT
SP
PT
SP
PT
SP
6
.469 .641 .688 .953 .348 .493 .524 .906 .431 .462 .3125-32 NEF
.468 .438 .175 1.553 .462 .3750-32 NEF
8
.594 .734 .812 1.047 .473 .493 .524 .906 .431 .462 .4375-28 UNEF .468 .438 .297 1.553 .590 .5000-28 UNEF
10
.719 .812 .938 1.125 .590 .493 .524 .906 .431 .462 .5625-24 NEF
.468 .438 .421 1.553 .717 .6250-24 NEF
12
.812 .938 1.031 1.250 .750 .493 .524 .906 .431 .462 .6875-24 NEF
.468 .438 .546 1.553 .834 .7500-20 UNEF
14
.906 1.031 1.125 1.344 .875 .493 .524 .906 .431 .462 .8125-20 UNEF .468 .438 .663 1.553 .970 .8750-20 UNEF
16
.969 1.125 1.219 1.438 1.000 .493 .524 .906 .431 .462 .9375-20 UNEF .468 .438 .787 1.553 1.088 1.0000-20 UNEF
18 1.062 1.203 1.312 1.516 1.125 .493 .524 .906 .431 .462 1.0625-18 NEF
.531 .438 .879 1.553 1.216 1.1875-18 NEF
20 1.156 1.297 1.438 1.672 1.250 .650 .650 1.125 .556 .556 1.1875-18 NEF
.531 .531 1.014 1.703 1.332 1.1875-18 NEF
22 1.250 1.375 1.562 1.750 1.375 .650 .650 1.125 .556 .556 1.3125-18 NEF
.531 .531 1.134 1.703 1.460 1.4375-18 NEF
24 1.375 1.500 1.688 1.875 1.500 .683 .683 1.188 .589 .589 1.4375-18 NEF
.498 .498 1.259 1.765 1.585 1.4375-18 NEF
PT00 (MS3110)
SP00
wall mounting receptacle
ND
V
L
.375 MIN
G
L
C
N
DH
L
N
N
L
D
S
S
R
(TP)
R
(TP)
PT
.120 ± .005 Dia.
(.147 ± .005 Dia., size 24)
SP
.150 ± .005 Dia.
L
Q
M
A
K
Z
4 Holes
PURCHASED
RELEASED / Dec . 21 2015, 2:09:12 PM
Shell
Size
Class “A” (SR), “E” (SR), “P” (SR), MS / “F” Class “E”, MS / “E” Class “P”, MS / “P”
Class “J”
Class “PG”
C
Thread
D
Min.
G
Max.
H
Max.
L
Max.
N
Max.
L
Max.
N
Max.
D
Min.
L
Max.
N
Max.
D
N
Max.
XL
Max.
B
Thread
L
Max.
Closed Free
6
–
–
–
–
–
–
1.266
.440
.192 1.438 .484
–
–
–
–
–
–
8
6-32 .240 .125
.812 1.922 .550 1.266
.560
.317 1.438 .608 .168 .230
.547 2.271 M12x1.5-6H
.936
10
6-32 .302 .188
.875 1.922 .675 1.266
.685
.434 1.438 .734 .205 .312
.675 2.271 M16x1.5-6H
.936
12
6-32 .428 .312 1.000 1.922 .803 1.266
.813
.548 1.438 .858 .338 .442
.812 2.411 M16x1.5-6H
.936
14
6-32 .552 .375 1.125 1.922 .920 1.266
.930
.673 1.438 .984 .416 .539
.940 2.599 M18x1.5-6H
.936
16
6-32 .615 .500 1.188 2.047 1.047 1.266
1.057
.798 1.438 1.110 .550 .616 1.067 2.943 M22x1.5-6H
.936
18
8-32 .740 .625 1.438 2.078 1.165 1.266
1.175
.899 1.438 1.234 .600 .672 1.194 3.172 M25x1.5-6H
.936
20
8-32 .740 .625 1.438 2.344 1.290 1.516
1.301 1.024 1.656 1.360 .635 .747 1.322 3.610 M25x1.5-6H 1.180
22
8-32 .928 .750 1.625 2.344 1.418 1.516
1.430 1.149 1.656 1.484 .670 .846 1.449 3.766 M32x1.5-6H 1.180
24
8-32 .990 .800 1.719 2.406 1.543 1.578
1.555 1.274 1.717 1.610 .740 .894 1.576 3.985 M32x1.5-6H 1.180
All dimensions for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com