Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 3 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 3 Page - Amphenol Industrial Products Group.

  AIO-CSJIN5/2 Datasheet HTML 1Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 2Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 3Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 4Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 5Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 6Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 7Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 8Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 9Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
1
Amphenol Miniature Cylindrical Connectors
Proprietary/MIL-DTL-26482, Series 1
®
Amphenol® Miniature Cylindrical connectors offer twice the number of contacts in just half the size of a Standard connector. These
miniature connectors, are available in several series, each with varying design characteristics and customer options to meet cost
considerations and provide maximum design flexibility. There are two styles within the family that are MS approved and qualified to
MIL-DTL-26482, Series 1, and in addition there are several proprietary styles.
Common features of all styles:
• All are for general duty applications and environmental sealing is achieved with the grommet and clamp design.
• Operating temperature is from –55°C to +125°; Operating voltage to 1000 VAC (RMS) at sea level.
• Pin and socket contacts are machined from low loss copper alloy and gold plated to eliminate contact corrosion and provide an
indefinite shelf life.
• All have resilient inserts which provide high dielectric strength and moisture barrier.
• A variety of shell finishes (including non-cadmium) and a variety of backend accessories are available within the styles.
Options
• 7 shell styles with 60 insert patterns
• Hermetic seal (glass fusion)
receptacle styles available
• Pressurized thru bulkhead
receptacle style available
• Pre-installed coax solder contacts
are available
• Printed circuit board contacts
are available
Bayonet Coupling with Solder Contact Termination
PT, MS/PT (solder)
• MS and proprietary versions
• Factory installed solder contacts
• 3 point bayonet coupling and 5 key/keyway mating.
• Intermateable with all miniature series connectors.
• MS/PT meets MIL-DTL-26482 Series 1, service classes E, F and P.
• MS/PT is UL recognized.
SP (solder)
• SP Series is a modification of the PT with same features except a
wider flange for back panel mounting
Bayonet Coupling with Crimp Contact Termination
PT-SE, MS/PT-SE (crimp)
• MS and proprietary versions
• Crimp rear insertable/front release contact termination. (closed entry
socket insert prevents probe damage).
• 3 point bayonet coupling and 5 key/keyway mating.
• Intermateable with all miniature series connectors.
• MS/PT-SE meets MIL-DTL-26482 Series 1, service classes E, F, P.
SP-SE (crimp)
• Modification of the PT-SE with wider flange for back panel mounting
Options
• 6 shell styles with 47 insert patterns
• Coax and thermocouple contacts
are available
PT Solder
jam nut receptacle and
mated straight plug
PT-SE Crimp
wall mount receptacle
and mated straight plug
PT Solder
wall mount receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com