Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 26 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 26 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN5/2 Datasheet HTML 22Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 23Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 24Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 25Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 26Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 27Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 28Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 29Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 30Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
24
* PT07H-XX-XXX
** PT07Y-XX-XXX
** MS3114H-XXCXXX
† PT07H-XX-XXX (100)
†† PT07Y-XX-XXX (100)
†† MS3114H-XXYXXX
Shell
Size
Receptacle Front
View
Receptacle Side View
S
+.016
H Hex
+.017
–.016
A
+.001
–.005
K
+.043
–.016
M
+.031
–.000
P Panel Thickness
R
Thread
Class 2A
Z
Max.
Max.
Min.
6
.812
.625
.348
.094
.696
.125
.062
.4375-28 UNEF
.206
8
.938
.750
.473
.094
.696
.125
.062
.5625-24 NEF
.206
10
1.062
.875
.590
.094
.696
.125
.062
.6875-24 NEF
.206
12
1.250
1.062
.750
.094
.696
.125
.062
.8750-20 UNEF
.206
14
1.375
1.188
.875
.094
.696
.125
.062
1.0000-20 UNEF
.206
16
1.500
1.312
1.000
.094
.696
.125
.062
1.1250-18 NEF
.206
18
1.625
1.438
1.125
.094
.696
.125
.062
1.2500-18 NEF
.206
20
1.812
1.562
1.250
.125
.884
.250
.062
1.3750-18 NEF
.081
22
1.938
1.688
1.375
.125
.884
.250
.062
1.5000-18 NEF
.081
24
2.062
1.812
1.500
.125
.917
.250
.062
1.6250-18 NEF
.048
All dimensions for reference only.
PT07H (MS3114H)
hermetic jam nut receptacle
To complete part number see how to order on page 25.
* Solder cup pin contacts without interfacial seal
** Solder cup pin contacts with interfacial seal
† Flat eyelet pin contacts without interfacial seal
†† Flat eyelet pin contacts with interfacial seal
S
H
S
A
MZ
R
P
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com