Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 46 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 46 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN5/2 Datasheet HTML 42Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 43Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 50Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
44
Coaxial Contacts
for miniature cylindrical connectors
Amphenol® Miniature Connectors can incorporate shielded coax contacts. The
Miniature family is built around MIL-DTL-26482 specifications, with Mil-
approved and proprietary styles offered. Normal operating voltage for
Miniature cylindricals with power only contacts is up to 1,000 VAC (RMS) at
sea level.
Table 1: Miniature Cylindricals offer these features for contact
termination
flexibility:
• Several insert arrangements that can incorporate:
• Size 8 & 12 Crimp Coax contacts for Crimp type
• Size 8 & 12 Solder Coax contacts for Solder type
• Wide selection of connector shell styles and sizes
• Standard power contact options within the various connector styles
include: solder type, crimp front release, crimp rear release
• Coax contacts are designed to the same high performance standards as
power contacts. Coax and power contacts may be intermixed with no
degradation of connector reliability.
• No mis-mating or cross-plugging with insert rotation and keyway
polarization.
Table 2: GENERAL ORDERING INFORMATION
Amphenol Miniature Cylindricals are normally supplied with a full complement
of power contacts, separately packaged. Coax contacts are ordered by part
number as referenced in the part number charts on the following pages of this
catalog, and are substituted for the power contacts at the time of the cable or
equipment assembly. If the application is for coax only, the connector may be
ordered less contacts and no power contacts will be supplied.
Installation instructions for the coax contacts for Miniature Connectors are
provided in Amphenol documents as follows: L-633 for solder type; L-613 for
SE type.
HOW TO ORDER:
A. Select the coax contacts designed for the cable being used from the
applicable charts in this catalog for each Miniature type (solder, SE).
B. Select a connector insert from those shown on pages 4-5 which will
accommodate the quantity and size of coaxial contacts needed plus any
power contacts required. Note: Size 8S and 12S contacts are used with
connector inserts through shell size 18 only. For larger connector shell
sizes, use size 8L contacts.
C. Determine the Miniature Cylindrical type, shell style, finish, service class
and insert rotation required for your application.
D. Consult Amphenol, Sidney NY with the pertinent cable, contact, insert
arrangement and connector style choices for complete connector
part number.
Solder Coax Contact
for use in Miniature Solder Type Connectors
Pin Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors
Socket Crimp Coax Contact
for use in Miniature Crimp SE Type Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com