Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 23 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 23 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN5/2 Datasheet HTML 19Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 20Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 21Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 22Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 23Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 24Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 25Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 26Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 27Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
21
solder
mounting
receptacle
box
mounting
receptacle
jam nut
receptacle
Three shell styles are available in the hermetic PT
bayonet series:
• PTIH (MS3113H)
• PT02H
• PT07H (MS3114H)
These hermetic connectors are only available with solder cup or
flat eyelet pin contacts in the MS/PT version. Socket contacts
are available in some proprietary PT versions. Other design
characteristics of the PT hermetic connector series are as
follows:
Shell sizes: 8 through 24 (tin plated)
Contact count: 2 through 61. Refer to pages 4 and 5 for insert
availability for hermetics.
Current:
5.0 amp each #20 contact
10 amp each #16 contact
17 amp each #12 contact
Contacts are tin plated for PT; gold is optional
Dielectric Withstanding Voltage (sea level):
1500 volts (RMS) 60 cps, Service Rating I
2300 volts (RMS) 60 cps, Service Rating II
Compression glass inserts, permanently lettered
Helium Leakage: Less than 1.0 X 10-6 cc/sec.
at 15 psi differential
Physical Shock: 100 G’s
Vibration: Exceeds MIL-E-5272 Procedure II
Thermal Shock: No deterioration or failure after 5 cycles
at –55°F to +257°F
Intermateability: Mates with MS3116 and PT06
Refer to pages 4-10 for insert arrangement availability.
PT
hermetic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com