Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIO-CSJIN5/2 Datasheet(PDF) 10 Page - Amphenol Industrial Products Group.

Part # AIO-CSJIN5/2
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJIN5/2 Datasheet(HTML) 10 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJIN5/2 Datasheet HTML 6Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 7Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 8Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 9Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 10Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 11Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 12Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 13Page - Amphenol Industrial Products Group. AIO-CSJIN5/2 Datasheet HTML 14Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
8
Amphenol Miniature Cylindrical
insert arrangements
®®
9
Insert Arrangement
18-75
18-76
18-80
18-91 HV
Service Rating
Coax
II
I, Coax
Number of Contacts
4
3
1
6
2
6
Contact Size
8 Coax
12 Coax 8 Coax
20 8 Coax
20
A
D
C
B
H
G
F
E
A
H
G
F
E
D
C
B
P
N
M
L
K
J
Z
Y
X
W
V
U
T
S
R
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
A
M
L
K
J
H
G
F
E
D
C
B
P
N
A
M
L
K
J
H G
F
E
D
C
B
T
S
R
P
N
Z
Y
X
W
V
U
A
E
DC
B
A
H
G
F
ED
C
B
A
L
K
J
H
G
F
E
D
C
B
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
h
j
A
H
G
F
E
D
C
B
J
A
D
C
B
A
G
F
E
D
C
B
H
Amphenol Miniature Cylindrical
insert arrangements
®
front face of pin inserts illustrated
Insert Arrangement
14-AA
16-8
16-23
16-26
16-70
Service Rating
I
II
I
I
N/A
Number of Contacts
4
8
22 1
26
14
1
Contact Size
12
16
20 16
20
20 12 Coax
Insert Arrangement
16-76
16-99
18-5
18-8
18-11
Service Rating
I
II
I
II
Number of Contacts
8
1
5
21 2
5
8
11
Contact Size
20 12* 2 Coax*
20 16
12
12
16
Insert Arrangement
18-30
18-32
18-71
18-72
Service Rating
I
I
II, Coax
N/A
Number of Contacts
29 1
32
8
1
10
4
Contact Size
20 16
20
16 8 Coax
20 12 Coax
Flashover
1.500 VAC (RMS)
*Contact Positions Optional
A
H
B
J
K
D
L
R
E
M
F
N
G
P
C
A
B
C
M
P
L
N
D
E
H
F
G
J
K
A
D
CB
A
D
C
B
Flashover
5,000 VAC (RMS)
A
F
E
DC
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com