Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 22 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 18Page - Microchip Technology 16LF1613 Datasheet HTML 19Page - Microchip Technology 16LF1613 Datasheet HTML 20Page - Microchip Technology 16LF1613 Datasheet HTML 21Page - Microchip Technology 16LF1613 Datasheet HTML 22Page - Microchip Technology 16LF1613 Datasheet HTML 23Page - Microchip Technology 16LF1613 Datasheet HTML 24Page - Microchip Technology 16LF1613 Datasheet HTML 25Page - Microchip Technology 16LF1613 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 22
PIC12(L)F1612/16(L)F1613
3.3.2
SPECIAL FUNCTION REGISTER
The Special Function Registers are registers used by
the application to control the desired operation of
peripheral functions in the device. The Special Function
Registers occupy the 20 bytes after the core registers of
every data memory bank (addresses x0Ch/x8Ch
through x1Fh/x9Fh). The registers associated with the
operation of the peripherals are described in the appro-
priate peripheral chapter of this data sheet.
3.3.3
GENERAL PURPOSE RAM
There are up to 80 bytes of GPR in each data memory
bank. The Special Function Registers occupy the 20
bytes after the core registers of every data memory
bank (addresses x0Ch/x8Ch through x1Fh/x9Fh).
3.3.3.1
Linear Access to GPR
The general purpose RAM can be accessed in a non-
banked method via the FSRs. This can simplify access
to large memory structures. See Section 3.6.2 “Linear
Data Memory”
for more information.
3.3.4
COMMON RAM
There are 16 bytes of common RAM accessible from all
banks.
3.3.5
DEVICE MEMORY MAPS
The memory maps are shown in Table 3-2 through
Table 3-7.
FIGURE 3-2:
BANKED MEMORY
PARTITIONING
Memory Region
7-bit Bank Offset
00h
0Bh
0Ch
1Fh
20h
6Fh
7Fh
70h
Core Registers
(12 bytes)
Special Function Registers
(20 bytes maximum)
General Purpose RAM
(80 bytes maximum)
Common RAM
(16 bytes)
Rev. 10-000041A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com