Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 59 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 59 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 55Page - Microchip Technology 16LF1613 Datasheet HTML 56Page - Microchip Technology 16LF1613 Datasheet HTML 57Page - Microchip Technology 16LF1613 Datasheet HTML 58Page - Microchip Technology 16LF1613 Datasheet HTML 59Page - Microchip Technology 16LF1613 Datasheet HTML 60Page - Microchip Technology 16LF1613 Datasheet HTML 61Page - Microchip Technology 16LF1613 Datasheet HTML 62Page - Microchip Technology 16LF1613 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 59
PIC12(L)F1612/16(L)F1613
FIGURE 5-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
Rev. 10-000155A
10/11/2013
31 kHz
Oscillator
HFINTOSC
(1)
16 MHz
8 MHz
4 MHz
2 MHz
1 MHz
*500 kHz
*250 kHz
*125 kHz
62.5 kHz
*31.25 kHz
*31 kHz
IRCF<3:0>
4
INTOSC
to CPU and
Peripherals
Sleep
FOSC
(1)
LFINTOSC
(1)
to WDT, PWRT, and
other Peripherals
* Available with more than one IRCF selection
SCS<1:0>
2
600 kHz
Oscillator
FRC
(1)
to ADC and
other Peripherals
CLKIN
1
0
4x PLL
(2)
HFPLL
16 MHz
500 kHz
Oscillator
MFINTOSC
(1)
Internal Oscillator
Block
to Peripherals
PLLEN
SPLLEN
FOSC<1:0>
2
00
1x
01
Reserved
Note 1:
See Section 5.2 “Clock Source Types”.
2:
If FOSC<1:0> = 00, 4x PLL can only be used if IRCF<3:0> = 1110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com