Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 30 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 26Page - Microchip Technology 16LF1613 Datasheet HTML 27Page - Microchip Technology 16LF1613 Datasheet HTML 28Page - Microchip Technology 16LF1613 Datasheet HTML 29Page - Microchip Technology 16LF1613 Datasheet HTML 30Page - Microchip Technology 16LF1613 Datasheet HTML 31Page - Microchip Technology 16LF1613 Datasheet HTML 32Page - Microchip Technology 16LF1613 Datasheet HTML 33Page - Microchip Technology 16LF1613 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 396 page
background image
Bank 1
08Ch
TRISA
—
—
TRISA5
TRISA4
—(2)
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
08Dh
—
Unimplemented
—
—
08Eh
TRISC(4)
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
08Fh
—
Unimplemented
—
—
090h
—
Unimplemented
—
—
091h
PIE1
TMR1GIE
ADIE
—
—
—
CCP1IE
TMR2IE
TMR1IE
00-- -000
00-- -000
092h
PIE2
—C2IE(4)
C1IE
—
—
TMR6IE
TMR4IE
CCP2IE
-00- -000
-00- -000
093h
PIE3
—
—
CWGIE
ZCDIE
—
—
—
—
--00 ----
--00 ----
094h
PIE4
SCANIE
CRCIE
SMT2PWAIE
SMT2PRAIE
SMT2IE
SMT1PWAIE
SMT1PRAIE
SMT1IE
0000 0000
0000 0000
095h
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
1111 1111
1111 1111
096h
PCON
STKOVF
STKUNF
WDTWV
RWDT
RMCLR
RI
POR
BOR
00-1 11qq
qq-q qquu
097h
—
Unimplemented
—
—
098h
OSCTUNE
—
—TUN<5:0>
--00 0000
--00 0000
099h
OSCCON
SPLLEN
IRCF<3:0>
—SCS<1:0>
0011 1-00
0011 1-00
09Ah
OSCSTAT
—
PLLR
—
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
-0-0 0000
-q-q qqqq
09Bh
ADRESL
ADC Result Register Low
xxxx xxxx
uuuu uuuu
09Ch
ADRESH
ADC Result Register High
xxxx xxxx
uuuu uuuu
09Dh
ADCON0
—
CHS<4:0>
GO/DONE
ADON
-000 0000
-000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
—
—
ADPREF<1:0>
0000 --00
0000 --00
09Fh
ADCON2
TRIGSEL<3:0>
—
—
—
—
0000 ----
0000 ----
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Legend: x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC12F1612/16F1613 only.
2:
Unimplemented, read as ‘1’.
3:
PIC12(L)F1612 only.
4:
PIC16(L)F1613 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com