Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 72 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 72 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 68Page - Microchip Technology 16LF1613 Datasheet HTML 69Page - Microchip Technology 16LF1613 Datasheet HTML 70Page - Microchip Technology 16LF1613 Datasheet HTML 71Page - Microchip Technology 16LF1613 Datasheet HTML 72Page - Microchip Technology 16LF1613 Datasheet HTML 73Page - Microchip Technology 16LF1613 Datasheet HTML 74Page - Microchip Technology 16LF1613 Datasheet HTML 75Page - Microchip Technology 16LF1613 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 72
PIC12(L)F1612/16(L)F1613
6.4
Low-Power Brown-Out Reset
(LPBOR)
The Low-Power Brown-Out Reset (LPBOR) operates
like the BOR to detect low voltage conditions on the
VDD pin. When too low of a voltage is detected, the
device is held in Reset. When this occurs, a register bit
(BOR) is changed to indicate that a BOR Reset has
occurred. The BOR bit in PCON is used for both BOR
and the LPBOR. Refer to Register 6-2.
The LPBOR voltage threshold (VLPBOR) has a wider
tolerance than the BOR (VBOR), but requires much
less current (LPBOR current) to operate. The LPBOR
is intended for use when the BOR is configured as dis-
abled (BOREN = 00) or disabled in Sleep mode
(BOREN = 10).
Refer to Figure 6-1 to see how the LPBOR interacts
with other modules.
6.4.1
ENABLING LPBOR
The LPBOR is controlled by the LPBOR bit of
Configuration Words. When the device is erased, the
LPBOR module defaults to disabled.
6.5
MCLR
The MCLR is an optional external input that can reset
the device. The MCLR function is controlled by the
MCLRE bit of Configuration Words and the LVP bit of
Configuration Words (Table 6-2).
6.5.1
MCLR ENABLED
When MCLR is enabled and the pin is held low, the
device is held in Reset. The MCLR pin is connected to
VDD through an internal weak pull-up.
The device has a noise filter in the MCLR Reset path.
The filter will detect and ignore small pulses.
6.5.2
MCLR DISABLED
When MCLR is disabled, the pin functions as a general
purpose input and the internal weak pull-up is under
software control. See Section12.3 “PORTA Regis-
ters”
for more information.
6.6
Watchdog Timer (WDT) Reset
The Watchdog Timer generates a Reset if the firmware
does not issue a CLRWDT instruction within the time-out
period and the window is open. The TO and PD bits in
the STATUS register are changed to indicate a WDT
Reset caused by the timer overflowing, and WDTWV bit
in the PCON register is changed to indicate a WDT
Reset
caused
by
a
window
violation.
See
Section9.0 “Windowed Watchdog Timer (WDT)”
for
more information.
6.7
RESET
Instruction
A RESET instruction will cause a device Reset. The RI
bit in the PCON register will be set to ‘0’. See Table 6-4
for default conditions after a RESET instruction has
occurred.
6.8
Stack Overflow/Underflow Reset
The device can reset when the Stack Overflows or
Underflows. The STKOVF or STKUNF bits of the PCON
register indicate the Reset condition. These Resets are
enabled by setting the STVREN bit in Configuration
Words.
See
Section3.5.2 “Overflow/Underflow
Reset”
for more information.
6.9
Programming Mode Exit
Upon exit of Programming mode, the device will
behave as if a POR had just occurred.
6.10
Power-Up Timer
The Power-up Timer optionally delays device execution
after a BOR or POR event. This timer is typically used to
allow VDD to stabilize before allowing the device to start
running.
The Power-up Timer is controlled by the PWRTE bit of
Configuration Words.
6.11
Start-up Sequence
Upon the release of a POR or BOR, the following must
occur before the device will begin executing:
1.
Power-up Timer runs to completion (if enabled).
2.
MCLR must be released (if enabled).
The total time-out will vary based on oscillator configu-
ration and Power-up Timer configuration. See
Section5.0 “Oscillator Module”
for more information.
The Power-up Timer runs independently of MCLR Reset.
If MCLR is kept low long enough, the Power-up Timer will
expire. Upon bringing MCLR high, the device will begin
execution after 10 FOSC cycles (see Figure 6-3). This is
useful for testing purposes or to synchronize more than
one device operating in parallel.
TABLE 6-2:
MCLR CONFIGURATION
MCLRE
LVP
MCLR
00
Disabled
10
Enabled
x1
Enabled
Note:
A Reset does not drive the MCLR pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com