Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 13 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 9Page - Microchip Technology 16LF1613 Datasheet HTML 10Page - Microchip Technology 16LF1613 Datasheet HTML 11Page - Microchip Technology 16LF1613 Datasheet HTML 12Page - Microchip Technology 16LF1613 Datasheet HTML 13Page - Microchip Technology 16LF1613 Datasheet HTML 14Page - Microchip Technology 16LF1613 Datasheet HTML 15Page - Microchip Technology 16LF1613 Datasheet HTML 16Page - Microchip Technology 16LF1613 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 396 page
background image
 2014-2016 Microchip Technology Inc.
DS40001737B-page 13
PIC12(L)F1612/16(L)F1613
TABLE 1-3:
PIC16(L)F1613 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/DAC1OUT1/
ICSPDAT
RA0
TTL/ST CMOS/OD General purpose I/O.
AN0
AN
—
ADC Channel input.
C1IN+
AN
—
Comparator positive input.
DAC1OUT1
—
AN
Digital-to-Analog Converter output.
ICSPDAT
ST
CMOS
ICSP™ Data I/O.
RA1/AN1/VREF+/C1IN0-/C2IN0-/
ZCD1OUT/ICSPCLK
RA1
TTL/ST CMOS/OD General purpose I/O.
AN1
AN
—
ADC Channel input.
VREF+
AN
—
Voltage Reference input.
C1IN0-
AN
—
Comparator negative input.
C2IN0-
AN
CMOS/OD Comparator negative input.
ZCD1OUT
—
—
Zero-Cross Detect output.
ICSPCLK
ST
ICSP Programming Clock.
RA2/AN2/C1OUT/T0CKI/
CWG1IN/ZCD1IN/INT
RA2
TTL/ST CMOS/OD General purpose I/O.
AN2
AN
—
ADC Channel input.
C1OUT
—
CMOS/OD Comparator output.
T0CKI
TTL/ST
—
Timer0 clock input.
CWG1IN
TTL/ST
—
CWG complementary input.
ZCD1IN
AN
—
Zero-Cross Detect input.
INT
TTL/ST
—
External interrupt.
RA3/VPP/T1G(1)/T6IN/
SMTWIN2/MCLR
RA3
TTL/ST
—
General purpose input with IOC and WPU.
VPP
HV
—
Programming voltage.
T1G
TTL/ST
—
Timer1 Gate input.
T6IN
TTL/ST
—
Timer6 input.
SMTWIN2
TTL/ST
—
SMT2 window input.
MCLR
TTL/ST
—
Master Clear with internal pull-up.
RA4/AN3/T1G(1)/SMTSIG1/
CLKOUT
RA4
TTL/ST CMOS/OD General purpose I/O.
AN3
AN
—
ADC Channel input.
T1G
TTL/ST
—
Timer1 Gate input.
SMTSIG1
TTL/ST
—
SMT1 signal input.
CLKOUT
—
CMOS
FOSC/4 output.
RA5/CLKIN/T1CKI/T2IN/
CCP2(1)/SMTWIN1
RA5
TTL/ST CMOS/OD General purpose I/O.
CLKIN
CMOS
—
External clock input (EC mode).
T1CKI
TTL/ST
—
Timer1 clock input.
T2IN
TTL/ST
—
Timer2 input.
CCP2
TTL/ST CMOS/OD Capture/Compare/PWM2.
SMTWIN1
TTL/ST
—
SMT1 window input.
RC0/AN4/C2IN+
RC0
TTL/ST CMOS/OD General purpose I/O.
AN4
AN
—
ADC Channel input.
C2IN+
AN
—
Comparator positive input.
Legend:
AN = Analog input or output CMOS = CMOS compatible input or output
OD
=
Open-Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C
=
Schmitt Trigger input with I2C
HV = High Voltage
XTAL
= Crystal
levels
Note
1:
Alternate pin function selected with the APFCON register (Register 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com