Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16LF1613 Datasheet(PDF) 29 Page - Microchip Technology

Part # 16LF1613
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16LF1613 Datasheet(HTML) 29 Page - Microchip Technology

Back Button 16LF1613 Datasheet HTML 25Page - Microchip Technology 16LF1613 Datasheet HTML 26Page - Microchip Technology 16LF1613 Datasheet HTML 27Page - Microchip Technology 16LF1613 Datasheet HTML 28Page - Microchip Technology 16LF1613 Datasheet HTML 29Page - Microchip Technology 16LF1613 Datasheet HTML 30Page - Microchip Technology 16LF1613 Datasheet HTML 31Page - Microchip Technology 16LF1613 Datasheet HTML 32Page - Microchip Technology 16LF1613 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 396 page
background image
TABLE 3-9:
SPECIAL FUNCTION REGISTER SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
Bank 0
00Ch
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--xx xxxx
00Dh
—
Unimplemented
—
—
00Eh
PORTC(4)
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--xx xxxx
00Fh
—
Unimplemented
—
—
010h
—
Unimplemented
—
—
011h
PIR1
TMR1GIF
ADIF
—
—
—
CCP1IF
TMR2IF
TMR1IF
00-- -000
00-- -000
012h
PIR2
—C2IF(4)
C1IF
—
—
TMR6IF
TMR4IF
CCP2IF
-00- -000
-00- -000
013h
PIR3
—
—CWGIF
ZCDIF
—
—
—
—
--00 ----
--00 ----
014h
PIR4
SCANIF
CRCIF
SMT2PWAIF
SMT2PRAIF
SMT2IF
SMT1PWAIF
SMT1PRAIF
SMT1IF
0000 0000
0000 0000
015h
TMR0
Holding Register for the 8-bit Timer0 Count
xxxx xxxx
uuuu uuuu
016h
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Count
xxxx xxxx
uuuu uuuu
017h
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Count
xxxx xxxx
uuuu uuuu
018h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
—T1SYNC
—TMR1ON
0000 -0-0
uuuu -u-u
019h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
uuuu uxuu
01Ah
TMR2
Timer2 Module Register
0000 0000
0000 0000
01Bh
PR2
Timer2 Period Register
1111 1111
1111 1111
01Ch
T2CON
ON
CKPS<2:0>
OUTPS<3:0>
0000 0000
0000 0000
01Dh
T2HLT
PSYNC
CKPOL
CKSYNC
—
MODE<3:0>
000- 0000
000- 0000
01Eh
T2CLKCON
—
—
—
—
—
T2CS<2:0>
---- -000
---- -000
01Fh
T2RST
—
—
—
—
RSEL<3:0>
---- 0000
---- 0000
Legend: x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC12F1612/16F1613 only.
2:
Unimplemented, read as ‘1’.
3:
PIC12(L)F1612 only.
4:
PIC16(L)F1613 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com