Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 21 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 17Page - Texas Instruments DIX9211 Datasheet HTML 18Page - Texas Instruments DIX9211 Datasheet HTML 19Page - Texas Instruments DIX9211 Datasheet HTML 20Page - Texas Instruments DIX9211 Datasheet HTML 21Page - Texas Instruments DIX9211 Datasheet HTML 22Page - Texas Instruments DIX9211 Datasheet HTML 23Page - Texas Instruments DIX9211 Datasheet HTML 24Page - Texas Instruments DIX9211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
17±1BCK
0L
0R
191R
1L
1R
2L
2R
3L
C0L
C0R
C191R
C1L
C1R
C2L
C2R
U0L
U0R
U191R
U1L
U1R
U2L
U2R
RECOVERED
LRCKO(I S)
2
RECOVERED
LRCKO(AllexceptI S)
2
BFRAME
DOUT
COUT
VOUT
L(n)
L(n+1)
R(n)
R(n+1)
L(n+2)
R(n+2)
V-bit=1
17BCLK
DOUT
VOUT
(RXVDLY=1)
VOUT
(RXVDLY=0)
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Channel Status Data, User Data, and Validity Flag
The DIX9211 can output decoded channel status data, user data, and a validity flag synchronized with audio
data from the input S/PDIF signal. These signals can be transmitted from any of the three MPIOs (MPIO_A,
MPIO_B, or MPIO_C). To assign this function to the MPIOs, see the MPIO section.
Each type of output data has own dedicated output pin:
•
Channel status data (C) are output through MPIOs assigned as COUT.
•
User data (U) are output through MPIOs assigned as UOUT.
•
Validity flag (V) is output through MPIOs assigned as VOUT
•
Data (left and right) are identified as DOUT.
C, U, and V output data are synchronized with the recovered LRCKO (left-right clock output) from the S/PDIF
input signal.
The polarity of the recovered LRCKO from the S/PDIF input depends on the Register 2Fh/RXFMT[2:0] setting.
The beginning of each S/PDIF frame (BFRAME) is provided as one of the outputs on the MPIO. It can be used to
indicate the start of the frame to the decoding DSP. If the DIR decodes a start-of-frame preamble on the decoded
data, then it sets BFRAME high for 8xLRCK periods to signify the start of the frame.
LRCKO can be used as a reference clock for each of the data outputs, BFRAME, DOUT, COUT, UOUT, and
VOUT. The relationship between each output is shown in Figure 7.
Numbers 0 to 191 of DOUT, COUT, UOUT, and VOUT in Figure 7 indicate the frame number of the input
biphase signal.
Figure 7. LRCKO, DOUT, BFRAME, COUT, UOUT, and VOUT Output Timing
The RXVDLY Register in Register 22h controls when the VOUT pin goes high (either immediately, or at the start
of the sample/frame). Figure 8 shows these timing sequences.
Figure 8. RXVDLY and VOUT Timing
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com