Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 80 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 80 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 76Page - Texas Instruments DIX9211 Datasheet HTML 77Page - Texas Instruments DIX9211 Datasheet HTML 78Page - Texas Instruments DIX9211 Datasheet HTML 79Page - Texas Instruments DIX9211 Datasheet HTML 80Page - Texas Instruments DIX9211 Datasheet HTML 81Page - Texas Instruments DIX9211 Datasheet HTML 82Page - Texas Instruments DIX9211 Datasheet HTML 83Page - Texas Instruments DIX9211 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Register 61h, DIT Function Control 2/3
(Address: 61h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
TXSCL2
TXSCK1
TXSCK0
RSV
TXDSD
TXFMT1
TXFMT0
Default Value
0
0
0
1
0
0
0
0
Memo
TXSCK[2:0]: DIT System Clock Control
000: 128fS
001: 256fS (default)
010: 512fS
011: Reserved
100: Controlled by DIR system clock rate
100: Controlled by DIR system clock rate
110: Controlled by DIR system clock rate
111: Controlled by DIR system clock rate
TXDSD: DIT DSD Input Enable
0: DSD input disable (default)
1: DSD input enable
NOTE
When TXDSD is set to '1', the DIT LR clock is generated by the Bit Clock divided by 64.
The DIT source data are forced to all '0's. Provide the DSD source to MPIO_B0 for the
system clock (256fS), MPIO_B1 for the DSD bit clock (64fS), MPIO_B2 for L-ch data, and
MPIO_B3 for R-ch data.
This function is useful when it is desired to suppress system clock jitter by using the path
that is DIT to DIR. Jitter of the system clock generated by DIR is also reduced if the jitter
is high frequency.
TXFMT[1:0]:DIT Audio I/F Format Setting
00: 24-bit I2S (default)
01: 24-bit left-justified
10: 24-bit right-justified
11: 16-bit right-justified
80
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com