Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 12 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments DIX9211 Datasheet HTML 10Page - Texas Instruments DIX9211 Datasheet HTML 11Page - Texas Instruments DIX9211 Datasheet HTML 12Page - Texas Instruments DIX9211 Datasheet HTML 13Page - Texas Instruments DIX9211 Datasheet HTML 14Page - Texas Instruments DIX9211 Datasheet HTML 15Page - Texas Instruments DIX9211 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Auxiliary PCM Audio Input and Output (I/O)
There are up to 3x digital auxiliary (AUX) inputs and one AUX output on the DIX9211. These I/Os are multiplexed
and shared with RXIN4 through RXIN7, MPIOB, and MPIOC. Each input and output supports a four-wire digital
audio interface that is similar to the I2S protocol. Each I/O can support SCK (system clock), BCK (bit clock),
LRCK (left/right clock, or word clock) and data transmissions. The audio format supported through the Aux I/O
can be configured for I2S, 24-bit left-justified (LJ), 24-bit right-justified (RJ), and 16-bit RJ output.
The AUX inputs are designed to be driven in Clock Slave mode. The Aux Output can only operate in Master
mode. The system clock can be run from 128fS, 256fS, and 512fS.
Routing
All 3x AUXIN data and clocks, in addition to data and clocks from the DIR module, are routed to three output
ports. The Main Output Port and Aux Output Port (that can be output through MPIO_B) are both PCM outputs
capable of I2S, RJ, and LJ. The DIT output is an S/PDIF signal output.
All three outputs have individual multiplexers that can select between the AUXINs or DIR.
Control Interface
The DIX9211 can be controlled by either SPI or I2C (up to a 400-kHz I2C bus). However, on startup, the device
goes into a default routing mode. Details of this mode are discussed in the Serial Control Mode section. For
certain applications, the default configuration may be suitable, and therefore does not require external
programming.
Multipurpose I/O
The DIX9211 includes 12 MPIO (Multi-Purpose Inputs/Outputs) and two MPO (Multi-Purpose Output) pins.
These MPIO/MPO pins can be easily set to different configurations through registers to allow different routing
and provide data outputs based on the specific application.
The 12 MPIO pins are divided into three groups (A, B, and C); each group has four pins (MPIO_Ax, MPIO_Bx,
and MPIO_Cx).
For example, to access all 12 S/PDIF inputs, the MPIO_Ax pins can be configured to support S/PDIF RXIN8 and
RXIN11. However, if the application requires an additional I2S input, then the MPIO_Ax pins can be configured
for an Aux In instead of RXIN8 and RXIN11.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com