Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 49 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 45Page - Texas Instruments DIX9211 Datasheet HTML 46Page - Texas Instruments DIX9211 Datasheet HTML 47Page - Texas Instruments DIX9211 Datasheet HTML 48Page - Texas Instruments DIX9211 Datasheet HTML 49Page - Texas Instruments DIX9211 Datasheet HTML 50Page - Texas Instruments DIX9211 Datasheet HTML 51Page - Texas Instruments DIX9211 Datasheet HTML 52Page - Texas Instruments DIX9211 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
ERROR/INT0
NPCM/INT1
MPIO_A0
MPIO_A1
MPIO_A2
MPIO_A3
MPIO_C0
MPIO_C1
MPIO_C2
MPIO_C3
MPIO_B0
MPIO_
B1
VDDRX
RXIN1
RST
RXIN2
RXIN3
RXIN4/ASCKIO
RXIN5/ABCKIO
RXIN6/ALRCKIO
RXIN7/ADIN0
MODE
MS/ADR1
MC/SCL
1
36
2
35
3
34
4
33
5
32
6
31
7
30
8
29
9
28
10
27
11
26
12
25
Interrupt
Flag
Functions
MPIO_A
Assigned
Functions
MPIO_C
Assigned
Functions
MPIO_B
Assigned
Functions
MPIO_B
Assigned
Functions
MPOx_
Assigned
Functions
PCM Audio
Interface
Serial Control
Interface
Serial Control
Interface
Optical
Inputs
or
PCM Audio
Interface
0 V
0 V or 3.3 V
+3.3 V
C13
C5
C6
C7
C9
X1
R3
R1
R2
C10
R4
C12
C11
+3.3 V
Coax Input
Coax Input
+3.3 V
0 V
0 V
0 V
C8
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
APPLICATION INFORMATION
TYPICAL CIRCUIT CONNECTION
Figure 27 illustrates a typical circuit connection.
R1: Loop filter resistor, 680
Ω.
R2: Current-limiting resistor; generally, a 100-
Ω to 500-Ω resistor is used, but it depends on the crystal resonator.
R3, R4: Coax input termination resisters, 75
Ω.
C7, C12, C13: 0.1-mF ceramic capacitor and 10-mF electrolytic capacitor, depending on the power supply.
C5: Loop filter capacitor, 0.068 mF.
C6: Loop filter capacitor, 0.0047 mF.
C8, C9: OSC load capacitor; generally, a 10-pF to 30-pF capacitor is used, but it depends on the crystal resonator
and PCB layout.
C10, C11: DC blocking capacitor for coax input, 0.1 mF.
X1: Crystal resonator. Use a 24.576-MHz fundamental resonator when the XTI clock source is needed.
Figure 27. Typical Circuit Connection
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com