Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 8 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments DIX9211 Datasheet HTML 10Page - Texas Instruments DIX9211 Datasheet HTML 11Page - Texas Instruments DIX9211 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
PIN FUNCTIONS (continued)
PIN
5-V
NO.
NAME
I/O
TOLERANT
DESCRIPTION
16
MPO1
O
No
Multipurpose output 1
17
DOUT
O
No
Main output port, serial digital audio data output
18
LRCK
O
No
Main output port, LR clock output
19
BCK
O
No
Main output port, Bit clock output
20
SCKO
O
No
Main output port, System clock output
21
DGND
–
–
Ground, for digital
22
DVDD
–
–
Power supply, 3.3 V (typ.), for digital
23
MDO/ADR0
I/O
Yes
Software control I/F, SPI data output / I2C slave address setting0(2)
24
MDI/SDA
I/O
Yes
Software control I/F, SPI data input / I2C data input/output(2)(3)
25
MC/SCL
I
Yes
Software control I/F, SPI clock input / I2C clock input(2)
26
MS/ADR1
I
Yes
Software control I/F, SPI chip select / I2C slave address setting1(2)
27
MODE
I
No
Control mode setting, (see the Serial Control Mode section, Control Mode Pin Setting)
28
RXIN7/ADIN0
I
Yes
Biphase signal, input 7 / AUXIN0, serial audio data input(2)
29
RXIN6/ALRCKI0
I
Yes
Biphase signal, input 6 / AUXIN0, LR clock input(2)
30
RXIN5/ABCKI0
I
Yes
Biphase signal, input 5 / AUXIN0, bit clock input(2)
31
RXIN4/ASCKI0
I
Yes
Biphase signal, input 4 / AUXIN0, system clock input(2)
32
RXIN3
I
Yes
Biphase signal, input 3(2)
33
RXIN2
I
Yes
Biphase signal, input 2(2)
34
RST
I
Yes
Reset Input, active low(2)(4)
35
RXIN1
I
Yes
Biphase signal, input 1, built-in coaxial amplifier
36
VDDRX
–
–
Power supply, 3.3 V (typ.), for RXIN0 and RXIN1.
37
RXIN0
I
Yes
Biphase signal, input 0, built-in coaxial amplifier
38
GNDRX
-
-
Ground, for RXIN
39
XTI
I
No
Oscillation circuit input for crystal resonator or external XTI clock source input(5)
40
XTO
O
No
Oscillation circuit output for crystal resonator
41
AGND
–
–
Ground, for PLL analog
42
VCC
–
–
Power supply, 3.3 V (typ.), for PLL analog
43
FILT
O
No
External PLL loop filter connection terminal; must connect recommended filter
44
RSV2
–
–
Reserved; left open
45
RSV1
–
–
Reserved; connect to ground
46
RSV1
–
–
Reserved; connect to ground
47
RSV2
–
–
Reserved; left open
48
RSV2
–
–
Reserved; left open
(2)
Schmitt trigger input
(3)
Open-drain configuration in I2C mode
(4)
Onboard pull-down resistor (50 k
Ω, typical)
(5)
CMOS Schmitt trigger input
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com